Electronic Components Datasheet Search
  English  ▼

X  

ATR0787 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR0787
Description  High Linearity Active Transmit Mixer for 2100 MHz to 2500 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0787 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR0787 Datasheet HTML 2Page - ATMEL Corporation ATR0787 Datasheet HTML 3Page - ATMEL Corporation ATR0787 Datasheet HTML 4Page - ATMEL Corporation ATR0787 Datasheet HTML 5Page - ATMEL Corporation ATR0787 Datasheet HTML 6Page - ATMEL Corporation ATR0787 Datasheet HTML 7Page - ATMEL Corporation ATR0787 Datasheet HTML 8Page - ATMEL Corporation ATR0787 Datasheet HTML 9Page - ATMEL Corporation ATR0787 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
ATR0787
4588B–SIGE–02/03
Figure 7.
Leakages versus Frequency
Figure 8.
Noise Figure versus Frequency + Temperature
Figure 9.
RF and LO Return Loss versus Frequency
Leakages
Plo=0 dBm at pins
T=25 C (Note 2)
-35
-30
-25
-20
-15
-10
-5
1900
2000
2100
2200
2300
2400
Frequency (MHz)
LO-RF
LO-IF
Noise Figure vs Temperature
Plo=0 dBm
0
2
4
6
8
10
12
2100
2200
2300
2400
2500
Frequency (MHz)
85C
25C
-40C
RF & LO Return Loss (Note 1)
-25
-20
-15
-10
-5
0
1900
2000
2100
2200
2300
2400
2500
Fre que ncy (M Hz)
RF RL
LO RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com