Electronic Components Datasheet Search
  English  ▼

X  

83C652 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 83C652
Description  CMOS single-chip 8-bit microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C652 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 83C652 Datasheet HTML 11Page - NXP Semiconductors 83C652 Datasheet HTML 12Page - NXP Semiconductors 83C652 Datasheet HTML 13Page - NXP Semiconductors 83C652 Datasheet HTML 14Page - NXP Semiconductors 83C652 Datasheet HTML 15Page - NXP Semiconductors 83C652 Datasheet HTML 16Page - NXP Semiconductors 83C652 Datasheet HTML 17Page - NXP Semiconductors 83C652 Datasheet HTML 18Page - NXP Semiconductors 83C652 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
15
AC ELECTRICAL CHARACTERISTICS – I2C INTERFACE
SYMBOL
PARAMETER
INPUT
OUTPUT
SCL TIMING CHARACTERISTICS
tHD;STA
START condition hold time
≥ 14 tCLCL
> 4.0
µs1
tLOW
SCL LOW time
≥ 16 tCLCL
> 4.7
µs1
tHIGH
SCL HIGH time
≥ 14 tCLCL
> 4.0
µs1
tRC
SCL rise time
≤ 1
µs
– 2
tFC
SCL fall time
≤ 0.3
µs
< 0.3
µs3
SDA TIMING CHARACTERISTICS
tSU;DAT1
Data set-up time
≥ 250ns
> 20 tCLCL – tRD
tSU;DAT2
SDA set-up time (before rep. START cond.)
≥ 250ns
> 1
µs1
tSU;DAT3
SDA set-up time (before STOP cond.)
≥ 250ns
> 8 tCLCL
tHD;DAT
Data hold time
≥ 0ns
> 8 tCLCL – tFC
tSU;STA
Repeated START set-up time
≥ 14 tCLCL
> 4.7
µs1
tSU;STO
STOP condition set-up time
≥ 14 tCLCL
> 4.0
µs1
tBUF
Bus free time
≥ 14 tCLCL
> 4.7
µs1
tRD
SDA rise time
≤ 1
µs
– 2
tFD
SDA fall time
≤ 0.3
µs
< 0.3
µs3
NOTES:
1. At 100 kbit/s. At other bit rates this value is inversely proportional to the bit-rate of 100 kbit/s.
2. Determined by the external bus-line capacitance and the external bus-line pull-resistor, this must be < 1
µs.
3. Spikes on the SDA and SCL lines with a duration of less than 3 tCLCL will be filtered out. Maximum capacitance on bus-lines SDA and
SCL = 400pF.
4. tCLCL = 1/fOSC = one oscillator clock period at pin XTAL1. For 63ns (42ns) < tCLCL < 285ns (16MHz (24MHz) > fOSC > 3.5MHz) the SI01
interface meets the I2C-bus specification for bit-rates up to 100 kbit/s.
TIMING SIO1 (I2C) INTERFACE
tRD
tSU;STA
tBUF
tSU; STO
0.7 VDD
0.3 VDD
0.7 VDD
0.3 VDD
tFD
tRC
tFC
tHIGH
tLOW
tHD;STA
tSU;DAT1
tHD;DAT
tSU;DAT2
tSU;DAT3
START condition
repeated START condition
SDA
(INPUT/OUTPUT)
SCL
(INPUT/OUTPUT)
STOP condition
START or repeated START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com