Electronic Components Datasheet Search
  English  ▼

X  

STUW81300 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 27Page - STMicroelectronics STUW81300 Datasheet HTML 28Page - STMicroelectronics STUW81300 Datasheet HTML 29Page - STMicroelectronics STUW81300 Datasheet HTML 30Page - STMicroelectronics STUW81300 Datasheet HTML 31Page - STMicroelectronics STUW81300 Datasheet HTML 32Page - STMicroelectronics STUW81300 Datasheet HTML 33Page - STMicroelectronics STUW81300 Datasheet HTML 34Page - STMicroelectronics STUW81300 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
DS11314 Rev 7
31/63
STuW81300
Circuit description
58
7.11
RF output stage
The VCO output signal can be fed either to an RF output buffer or to a monolithic frequency
doubler, followed by a microwave output buffer.
The on-chip frequency multiplier allows the STuW81300 to cover a 7.7 GHz to 16 GHz
frequency range with high fundamental harmonic rejection.
The STuW81300 employs two different 100-ohm differential (50-ohm single-ended)
internally-matched broadband output stages, simplifying the design of the final application
and reducing the number of external components.
A first RF output stage buffer (pins RF1_OUTP, RF1_OUTN) supports the 1925 MHz to
4000 MHz (using the divider-by-2 path) and 3850 MHz to 8000 MHz frequency ranges
providing +6 dBm of output power @6 GHz into a 50-ohm single-ended resistive load.
The output stage buffer can be powered-down by software and/or hardware (pin PD_RF1).
A secondary microwave output stage (available on pins RF2_OUTP and RF2_OUTN) is
also provided to deliver the VCO frequency-doubled signal (7.7 GHz-to-16 GHz) and is able
to provide +4 dBm @12 GHz into a 50-ohm single-ended resistive load. This second output
stage can also be powered down by software and/or hardware (pin PD_RF2).
An RF mute function, which allows RF output stages to be kept OFF until the PLL achieves
lock status, can be selected by software.
The simultaneous use of both RF outputs (RF1 and RF2) is not supported. The user should
configure the power down bit of the RF output stage so as to avoid enabling both RF outputs
at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com