Electronic Components Datasheet Search
  English  ▼

X  

TCPP01-M12 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TCPP01-M12
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TCPP01-M12 Datasheet HTML 15Page - STMicroelectronics TCPP01-M12 Datasheet HTML 16Page - STMicroelectronics TCPP01-M12 Datasheet HTML 17Page - STMicroelectronics TCPP01-M12 Datasheet HTML 18Page - STMicroelectronics TCPP01-M12 Datasheet HTML 19Page - STMicroelectronics TCPP01-M12 Datasheet HTML 20Page - STMicroelectronics TCPP01-M12 Datasheet HTML 21Page - STMicroelectronics TCPP01-M12 Datasheet HTML 22Page - STMicroelectronics TCPP01-M12 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
QFN18L 3.5x3.5 mm package information
Figure 11. QFN18L 3.5x3.5 mm package outline
TCPP02-M18
Package information
DS13787 - Rev 4
page 19/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27