Electronic Components Datasheet Search
  English  ▼

X  

BCX53T Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BCX53T
Description  80 V, 1 A NPN power bipolar transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCX53T Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BCX53T Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCX53T Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCX53T Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCX53T Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCX53T Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCX53T Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCX53T Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCX53T Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCX53T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
BCX56T series
80 V, 1 A NPN power bipolar transistors
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC current gain
BCX56T
[1]
63
-
250
BCX56-10T
[1]
63
-
160
hFE
BCX56-16T
VCE = 2 V; IC = 150 mA
[1]
100
-
250
[1] pulsed; tp ≤ 300 μs; δ ≤ 0.02
2. Pinning information
Table 3. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
E
emitter
2
C
collector
3
B
base
3
2
1
sym042
E
C
B
3. Ordering information
Table 4. Ordering information
Package
Type number
Name
Description
Version
BCX56T
BCX56-10T
BCX56-16T
SC-62
plastic, surface-mounted package; 3 leads; 1.5 mm pitch;
4.5 mm x 2.5 mm x 1.5 mm body
SOT89
4. Marking
Table 5. Marking
Type number
Marking code
BCX56T
A7
BCX56-10T
A5
BCX56-16T
A6
BCX56T_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 1 — 22 August 2019
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com