Electronic Components Datasheet Search
  English  ▼

X  

NHUMD13 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # NHUMD13
Description  80 V, 100 mA PNP/PNP resistor-equipped double transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NHUMD13 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button NHUMD13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved NHUMD13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved NHUMD13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved NHUMD13 Datasheet HTML 10Page - Nexperia B.V. All rights reserved NHUMD13 Datasheet HTML 11Page - Nexperia B.V. All rights reserved NHUMD13 Datasheet HTML 12Page - Nexperia B.V. All rights reserved NHUMD13 Datasheet HTML 13Page - Nexperia B.V. All rights reserved NHUMD13 Datasheet HTML 14Page - Nexperia B.V. All rights reserved NHUMD13 Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Nexperia
NHUMB10/13/9 series
80 V, 100 mA PNP/PNP resistor-equipped double transistors
14. Revision history
Table 10. Revision history
Data sheet ID
Release date Data sheet status Change
notice
Supersedes
NHUMB10_13_9_SER v.1
20200723
Product data sheet -
-
NHUMB10_13_9_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 23 July 2020
13 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com