Electronic Components Datasheet Search
  English  ▼

X  

NHUMB13 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # NHUMB13
Description  80 V, 100 mA NPN/PNP resistor-equipped double transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NHUMB13 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button NHUMB13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 10Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 11Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 12Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 13Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 14Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 15Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 16Page - Nexperia B.V. All rights reserved NHUMB13 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Nexperia
NHUMD10/13/9 series
80 V, 100 mA NPN/PNP resistor-equipped double transistors
aaa-031829
IC (mA)
10-1
102
10
1
10-1
1
VCEsat
(V)
10-2
(1)
(3)
(2)
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 31. NHUMD9, TR1 (NPN): Collector-emitter
saturation voltage as a function of collector
current; typical values
VCB (V)
0
80
60
20
40
aaa-031830
1.5
2.0
1.0
2.5
3.0
Cc
(pF)
0.5
f = 1 MHz
Tamb = 25 °C
Fig. 32. NHUMD9, TR1 (NPN): Collector capacitance
as a function of collector-base voltage; typical
values
IC (mA)
-10-1
-102
-10
-1
aaa-031752
102
10
103
hFE
1
(1)
(3)
(2)
VCE = -5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = -40 °C
Fig. 33. NHUMD9, TR2 (PNP): DC current gain as a
function of collector current; typical values
VCE (V)
0
-5
-4
-2
-3
-1
aaa-031753
-0.04
-0.06
-0.02
-0.08
-0.10
IC
(A)
0
-0.065 mA
-0.195 mA
-0.130 mA
-0.260 mA
-0.325 mA
-0.390 mA
-0.455 mA
-0.520 mA
IB = -0.650 mA
-0.585 mA
Tamb = 25 °C
Fig. 34. NHUMD9, TR2 (PNP): Collector current as a
function of collector-emitter voltage; typical
values
NHUMD10_13_9_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 24 July 2020
13 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com