Electronic Components Datasheet Search
  English  ▼

X  

PBLS2021D Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part # PBLS2021D
Description  20 V, 1.8 A PNP BISS loadswitch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS2021D Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button PBLS2021D Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 10Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 11Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 12Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 13Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 14Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 15Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 16Page - Nexperia B.V. All rights reserved PBLS2021D Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
NXP Semiconductors
PBLS2021D
20 V, 1.8 A PNP BISS loadswitch
© NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 6 September 2009
Document identifier: PBLS2021D_2
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
14. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Thermal characteristics. . . . . . . . . . . . . . . . . . . 4
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 6
8
Test information . . . . . . . . . . . . . . . . . . . . . . . . 12
8.1
Quality information . . . . . . . . . . . . . . . . . . . . . 12
9
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 13
10
Packing information. . . . . . . . . . . . . . . . . . . . . 13
11
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 14
12
Legal information. . . . . . . . . . . . . . . . . . . . . . . 15
12.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 15
12.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
12.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
12.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
13
Contact information. . . . . . . . . . . . . . . . . . . . . 15
14
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com