Electronic Components Datasheet Search
  English  ▼

X  

PBLS6005D Datasheet(PDF) 15 Page - Nexperia B.V. All rights reserved

Part # PBLS6005D
Description  60 V PNP BISS loadswitch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PBLS6005D Datasheet(HTML) 15 Page - Nexperia B.V. All rights reserved

Back Button PBLS6005D Datasheet HTML 9Page - Nexperia B.V. All rights reserved PBLS6005D Datasheet HTML 10Page - Nexperia B.V. All rights reserved PBLS6005D Datasheet HTML 11Page - Nexperia B.V. All rights reserved PBLS6005D Datasheet HTML 12Page - Nexperia B.V. All rights reserved PBLS6005D Datasheet HTML 13Page - Nexperia B.V. All rights reserved PBLS6005D Datasheet HTML 14Page - Nexperia B.V. All rights reserved PBLS6005D Datasheet HTML 15Page - Nexperia B.V. All rights reserved PBLS6005D Datasheet HTML 16Page - Nexperia B.V. All rights reserved PBLS6005D Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
PBLS6005D_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 7 September 2009
14 of 16
NXP Semiconductors
PBLS6005D
60 V PNP BISS loadswitch
12. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PBLS6005D_2
20090907
Product data sheet
-
PBLS6005D_1
Modifications:
• This data sheet was changed to reflect the new company name NXP Semiconductors,
including new legal definitions and disclaimers. No changes were made to the technical
content.
• Figure 6 “TR1 (PNP): Collector-emitter saturation voltage as a function of collector current;
typical values”: VCEsat unit amended from mV to V
• Figure 21 “Wave soldering footprint”: updated
PBLS6005D_1
20050623
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com