Electronic Components Datasheet Search
  English  ▼

X  

83C055 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # 83C055
Description  Microcontrollers for TV and video MTV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C055 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button 83C055 Datasheet HTML 31Page - NXP Semiconductors 83C055 Datasheet HTML 32Page - NXP Semiconductors 83C055 Datasheet HTML 33Page - NXP Semiconductors 83C055 Datasheet HTML 34Page - NXP Semiconductors 83C055 Datasheet HTML 35Page - NXP Semiconductors 83C055 Datasheet HTML 36Page - NXP Semiconductors 83C055 Datasheet HTML 37Page - NXP Semiconductors 83C055 Datasheet HTML 38Page - NXP Semiconductors 83C055 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
1996 Mar 22
35
Philips Semiconductors
Product specification
Microcontrollers for TV and video (MTV)
83C145; 83C845
83C055; 87C055
19 DC CHARACTERISTICS
VDD =5V ±10% Tamb = 0 to +70 °C; all voltages with respect to VSS; unless otherwise specified.
Notes
1. IDD measured with OSD block initialized and RST remaining LOW.
2. This maximum applies at all times, including during power switching, and must be accounted for in power supply
design. During a Power-on process, the +12 V source used for external pull-up resistors should not precede the VDD
of the 83C055 up their respective voltage ramps by more than this margin, nor, during a Power-down process, should
VDD precede +12 V down their respective voltage ramps by more than this margin.
3. No more than 6 (any 6) of these 10 high current outputs may be used at the VOL1 (IOL = 10 mA) specification.
The other 4 should comply with the VOL3 specification (IOL = 1.6 mA).
4. The specified current rating applies when any of these pins is used as a Pulse Width Modulated (PWM) output.
For use as a port output, the rating is as given subsequently.
5. The capacitance of pins P0.0 and P0.7 for the 87C055 exceeds 10 pF; for P0.0 this is maximum 40 pF, while for P0.7
it is maximum 20 pF.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
operating supply voltage
4.5
5.0
5.5
V
IDD
operating supply current
VDD = 5.5 V; note 1
−−
30
mA
VIL
LOW level input voltage
−0.5
−
0.2VDD − 0.1 V
VIL1
LOW level input voltage;
VSYNC and HSYNC
−0.5
−
0.15VDD
V
VIH
HIGH level input voltage;
XTAL, VCLK1 and RST
0.7VDD
−
VDD + 0.5
V
VIH1
HIGH level input voltage; P1.2 to P1.0,
P3.6 to P3.5 and P3.3 to P3.1
0.2VDD + 0.9 −
VDD + 0.5
V
VIH2
HIGH level input voltage;
P1.3, P3.7,P3.4 and P3.0
0.2VDD + 0.9 −
12.6
V
VIH3
HIGH level input voltage; VSYNC and
HSYNC
0.67VDD
−
VDD + 0.5
V
VIH − VDD HIGH level input voltage with respect
to VDD; Port 0, P1.3, P3.7, P3.4 and
P3.0
note 2
0.7VDD
−
VDD + 0.5
V
VOL1
LOW level output voltage; P2.7 to P2.0
and P3.6 to P3.5
IOL = 10 mA; note 3
−−
0.5
V
VOL2
LOW level output voltage;
TDAC and PWM0 to PWM7
IOL = 700 µA; note 4
−−
0.5
V
VOL3
LOW level output voltage; all other
outputs
IOL = 1.6 mA
−−
0.45
V
VOH
HIGH level output voltage;
Port 1, VID2 to VID0, VCTRL and BF
IOH = −60 µA
2.4
−−
V
RRST
Reset (RST) pull-down resistor
50
−
300
k
Ω
CIO
Pin capacitance; except P0.0 and P0.7 test freq. = 1 MHz;
Tamb =25 °C; note 5
−−
10
pF
HYS
Hysteresis; VSYNC and HSYNC
0.8
−−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com