Electronic Components Datasheet Search
  English  ▼

X  

71016S Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 71016S
Description  CMOS Static RAM 1 Meg (64K x 16-Bit)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71016S Datasheet(HTML) 2 Page - Renesas Technology Corp

  71016S Datasheet HTML 1Page - Renesas Technology Corp 71016S Datasheet HTML 2Page - Renesas Technology Corp 71016S Datasheet HTML 3Page - Renesas Technology Corp 71016S Datasheet HTML 4Page - Renesas Technology Corp 71016S Datasheet HTML 5Page - Renesas Technology Corp 71016S Datasheet HTML 6Page - Renesas Technology Corp 71016S Datasheet HTML 7Page - Renesas Technology Corp 71016S Datasheet HTML 8Page - Renesas Technology Corp 71016S Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
6.42
2
71016 CMOS Static RAM
1 Meg (64K x 16-bit)
Commercial and Industrial Temperature Ranges
Jun.02.20
Pin Configurations(1)
SOJ/TSOP
Top View
Truth Table (1)
Pin Descriptions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
I/O 7
NC
A12
A13
A14
A15
WE
I/O 6
I/O 5
I/O 4
VSS
VCC
I/O 3
I/O 2
I/O 1
I/O 0
CS
A0
A1
A2
A3
A4
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A6
A7
OE
BHE
BLE
I/O 15
I/O 14
I/O 13
I/O 12
VSS
VCC
I/O 11
I/O 10
I/O 9
I/O 8
A8
A9
A10
A11
NC
A5
NC
PBG44
PHG44
3210 drw 02
,
71016
A0 - A15
Address Inputs
Input
CS
Chip Select
Input
WE
Write Enable
Input
OE
Output Enable
Input
BHE
High Byte Enable
Input
BLE
Low Byte Enable
Input
I/O0 - I/O15
Data Input/Output
I/O
VCC
5.0V Power
Pwr
VSS
Ground
Gnd
3210 tbl 01
NOTE:
1. H = VIH, L = VIL, X = Don't care.
CS
OE
WE
BLE
BHE
I/O0 - I/O7
I/O8 - I/O15
Function
H
X
X
X
X
High-Z
High-Z
Deselected - Standby
L
L
H
L
H
DATAOUT
High-Z
Low Byte Read
L
L
H
H
L
High-Z
DATAOUT
High Byte Read
L
L
H
L
L
DATAOUT
DATAOUT`
Word Read
L
X
L
L
L
DATAIN
DATAIN
Word Write
L
X
L
L
H
DATAIN
High-Z
Low Byte Write
L
X
L
H
L
High-Z
DATAIN
High Byte Write
L
H
H
X
X
High-Z
High-Z
Outputs Disabled
L
X
X
H
H
High-Z
High-Z
Outputs Disabled
3210 tbl 02
NOTE:
1. This text does not indicate orientation of actual part-marking.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com