Electronic Components Datasheet Search
  English  ▼

X  

83021AMILF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 83021AMILF
Description  1-to-1 Differential-to-LVCMOS/LVTTL Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83021AMILF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 83021AMILF Datasheet HTML 2Page - Renesas Technology Corp 83021AMILF Datasheet HTML 3Page - Renesas Technology Corp 83021AMILF Datasheet HTML 4Page - Renesas Technology Corp 83021AMILF Datasheet HTML 5Page - Renesas Technology Corp 83021AMILF Datasheet HTML 6Page - Renesas Technology Corp 83021AMILF Datasheet HTML 7Page - Renesas Technology Corp 83021AMILF Datasheet HTML 8Page - Renesas Technology Corp 83021AMILF Datasheet HTML 9Page - Renesas Technology Corp 83021AMILF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
©2015 Integrated Device Technology, Inc
December 14, 2015
83021I Datasheet
Parameter Measurement Information
3.3V Core/3.3V LVCMOS Output Load AC Test Circuit
Differential Input Level
3.3V Output Rise/Fall Time
2.5V Core/2.5V LVCMOS Output Load AC Test Circuit
Part-to-Part Skew
2.5V Output Rise/Fall Time
SCOPE
Qx
GND
VDD
1.65V±0.15V
-1.65V±0.15V
VDD
GND
CLK
nCLK
V
CMR
Cross Points
V
PP
0.8V
2V
2V
0.8V
tR
t F
Q0
SCOPE
Qx
GND
VDD
1.25V±5%
-1.25V±5%
tsk(pp)
V
DDO
2
V
DDO
2
Part 1
Part 2
Qx
Qy
20%
80%
80%
20%
tR
t F
Q0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com