Electronic Components Datasheet Search
  English  ▼

X  

83026AMILFT Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 83026AMILFT
Description  Low Skew, 1-to-2, Differential-to-LVCMOS/LVTTL Fanout
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83026AMILFT Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 83026AMILFT Datasheet HTML 2Page - Renesas Technology Corp 83026AMILFT Datasheet HTML 3Page - Renesas Technology Corp 83026AMILFT Datasheet HTML 4Page - Renesas Technology Corp 83026AMILFT Datasheet HTML 5Page - Renesas Technology Corp 83026AMILFT Datasheet HTML 6Page - Renesas Technology Corp 83026AMILFT Datasheet HTML 7Page - Renesas Technology Corp 83026AMILFT Datasheet HTML 8Page - Renesas Technology Corp 83026AMILFT Datasheet HTML 9Page - Renesas Technology Corp 83026AMILFT Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
©2015 Integrated Device Technology, Inc
December 15, 2015
83026I Datasheet
Parameter Measurement Information
3.3V Core/3.3V LVCMOS Output Load AC Test Circuit
Output Skew
Output Duty Cycle/Pulse Width/Period
Differential Input Level
Part-to-Part Skew
Output Rise/Fall Time
SCOPE
Qx
GND
VDD
1.65V±0.15V
-1.65V±0.15V
tsk(o)
V
DD
2
V
DD
2
Qx
Qy
Q0, Q1
VDD
GND
CLK
nCLK
V
CMR
Cross Points
V
PP
tsk(pp)
V
DD
2
V
DD
2
Par t 1
Par t 2
Qx
Qy
0.8V
2V
2V
0.8V
tR
t F
Q0, Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com