Electronic Components Datasheet Search
  English  ▼

X  

83210 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 83210
Description  Low Skew, 1-to-10, HSTL Fanout Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

83210 Datasheet(HTML) 1 Page - Renesas Technology Corp

  83210 Datasheet HTML 1Page - Renesas Technology Corp 83210 Datasheet HTML 2Page - Renesas Technology Corp 83210 Datasheet HTML 3Page - Renesas Technology Corp 83210 Datasheet HTML 4Page - Renesas Technology Corp 83210 Datasheet HTML 5Page - Renesas Technology Corp 83210 Datasheet HTML 6Page - Renesas Technology Corp 83210 Datasheet HTML 7Page - Renesas Technology Corp 83210 Datasheet HTML 8Page - Renesas Technology Corp 83210 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Low Skew, 1-to-10, HSTL Fanout Buffer
83210
Data Sheet
©2016 Integrated Device Technology, Inc
Revision A March 10, 2016
1
GENERAL DESCRIPTION
The 83210 is a low skew, 1-to-10 HSTL Fanout Buffer.
The class II HSTL outputs are balanced push-pull in design, capable
of delivering 16mA into a 10pF load. This class allows both source
series termination and symmetrically double parallel termination.
FEATURES
• Ten single-ended HSTL outputs
• One single-ended HSTL clock input
• Maximum input frequency: 150MHz
• Output skew: 110ps (maximum)
• Part-to-part skew: 2ns (maximum)
• 1.5V power supply
• 0°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
BLOCK DIAGRAM
PIN ASSIGNMENT
32-Lead TQFP
7mm x 7mm x 1.0mm package body
Y package
Top View
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
Q3
Q4
VDD
VDD
Q5
Q6
GND
VDD
GND
VDD
nOE
GND
IN
VDD
GND
ICS83210
Pulldown
Q0
Q1
Q8
Q9
IN
nOE


Similar Part No. - 83210

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83210 IDT-83210 Datasheet
103Kb / 10P
Low Skew, 1-to-10, HSTL Fanout Buffer
83210AYLF IDT-83210AYLF Datasheet
103Kb / 10P
Low Skew, 1-to-10, HSTL Fanout Buffer
83210AYLFT IDT-83210AYLFT Datasheet
103Kb / 10P
Low Skew, 1-to-10, HSTL Fanout Buffer
More results

Similar Description - 83210

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
ICS8521I ICST-ICS8521I Datasheet
157Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 17, 2005
ICS85211I-01 ICST-ICS85211I-01 Datasheet
163Kb / 13P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 1, 2005
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS83210 IDT-ICS83210 Datasheet
173Kb / 9P
LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
83210 IDT-83210 Datasheet
103Kb / 10P
Low Skew, 1-to-10, HSTL Fanout Buffer
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com