Electronic Components Datasheet Search
  English  ▼

X  

8745B-21 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 8745B-21
Description  1:1 Differential-to-LVDS Zero Delay Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8745B-21 Datasheet(HTML) 2 Page - Renesas Technology Corp

  8745B-21 Datasheet HTML 1Page - Renesas Technology Corp 8745B-21 Datasheet HTML 2Page - Renesas Technology Corp 8745B-21 Datasheet HTML 3Page - Renesas Technology Corp 8745B-21 Datasheet HTML 4Page - Renesas Technology Corp 8745B-21 Datasheet HTML 5Page - Renesas Technology Corp 8745B-21 Datasheet HTML 6Page - Renesas Technology Corp 8745B-21 Datasheet HTML 7Page - Renesas Technology Corp 8745B-21 Datasheet HTML 8Page - Renesas Technology Corp 8745B-21 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
2
Rev D 2/17/15
8745B-21 DATA SHEET
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1
CLK
Input
Pulldown
Non-inverting differential clock input.
2
nCLK
Input
Pullup
Inverting differential clock input.
3
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true output Q to go low and the inverted output nQ to go high.
When logic LOW, the internal dividers and the outputs are enabled.
LVCMOS / LVTTL interface levels.
4
nFBIN
Input
Pullup
Inverting differential feedback input to phase detector for regenerating clocks with
“Zero Delay.”
5
FBIN
Input
Pulldown
Non-inverted differential feedback input to phase detector for regenerating clocks
with “Zero Delay.”
6, 15,
19, 20
SEL2, SEL3,
SEL0 SEL1
Input
Pulldown
Determines output divider values in Table 3. LVCMOS / LVTTL interface levels.
7, 11
VDDO
Power
Output supply pins.
8, 9
nQFB/QFB
Output
Differential feedback output pair. LVDS interface levels.
10, 14
GND
Power
Power supply ground.
12, 13
nQ/Q
Output
Differential output pair. LVDS interface levels.
16
VDDA
Power
Analog supply pin.
17
PLL_SEL
Input
Pullup
PLL select. Selects between the PLL and reference clock as the input to the
dividers. When LOW, selects reference clock. LVCMOS/LVTTL interface levels.
18
VDD
Power
Core supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com