Electronic Components Datasheet Search
  English  ▼

X  

83C652 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 83C652
Description  CMOS single-chip 8-bit microcontrollers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C652 Datasheet(HTML) 4 Page - NXP Semiconductors

  83C652 Datasheet HTML 1Page - NXP Semiconductors 83C652 Datasheet HTML 2Page - NXP Semiconductors 83C652 Datasheet HTML 3Page - NXP Semiconductors 83C652 Datasheet HTML 4Page - NXP Semiconductors 83C652 Datasheet HTML 5Page - NXP Semiconductors 83C652 Datasheet HTML 6Page - NXP Semiconductors 83C652 Datasheet HTML 7Page - NXP Semiconductors 83C652 Datasheet HTML 8Page - NXP Semiconductors 83C652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1997 Dec 05
4
ORDER INFORMATION
PHILIPS
PART ORDER NUMBER
PART MARKING
PHILIPS NORTH AMERICA
PART ORDER NUMBER
TEMPERATURE RANGE
(
°C)
FREQ
MH 12
ROMless
ROM3
Drawing
Number
ROMless
ROM
EPROM2
(
)
AND PACKAGE
MHz1,2
P80C652EBP
P83C652EBP/xxx
SOT129-1
P80C652EBPN
P83C652EBPN
S87C652-4N40
0 to +70,
Plastic Dual In-line Package
16
P80C652EBA
P83C652EBA/xxx
SOT187-2
P80C652EBAA
P83C652EBAA
S87C652-4A44
0 to +70,
Plastic Leaded Chip Carrier
16
P80C652EBB
P83C652EBB/xxx
SOT307-2
P80C652EBBB
P83C652EBBB
S87C652-4B44
0 to +70,
Plastic Quad Flat Pack
16
P80C652EFP
P83C652EFP/xxx
SOT129-1
P80C652EFPN
P83C652EFPN
S87C652-5N40
–40 to +85,
Plastic Dual In-line Package
16
P80C652EFA
P83C652EFA/xxx
SOT187-2
P80C652EFAA
P83C652EFAA
S87C652-5A44
–40 to +85,
Plastic Leaded Chip Carrier
16
P80C652EFB
P83C652EFB/xxx
SOT307-2
P80C652EFBB
P83C652EFBB
S87C652-5B44
–40 to +85,
Plastic Quad Flat Pack
16
P80C652EHP
P83C652EHP/xxx
SOT129-1
P80C652EHPN
P83C652EHPN
–40 to +125,
Plastic Dual In-line Package
16
P80C652EHA
P83C652EHA/xxx
SOT187-2
P80C652EHAA
P83C652EHAA
–40 to +125,
Plastic Leaded Chip Carrier
16
P80C652EHB
P83C652EHB/xxx
SOT307-2
P80C652EHBB
P83C652EHBB
–40 to +125,
Plastic Quad Flat Pack
16
P80C652IBP
P83C652IBP/xxx
SOT129-1
P80C652IBPN
P83C652IBPN
0 to +70,
Plastic Dual In-line Package
24
P80C652IBA
P83C652IBA/xxx
SOT187-2
P80C652IBAA
P83C652IBAA
0 to +70,
Plastic Leaded Chip Carrier
24
P80C652IBB
P83C652IBB/xxx
SOT307-2
P80C652IBBB
P83C652IBBB
0 to +70,
Plastic Quad Flat Pack
24
P80C652IFP
P83C652IFP/xxx
SOT129-1
P80C652IFPN
P83C652IFPN
–40 to +85,
Plastic Dual In-line Package
24
P80C652IFA
P83C652IFA/xxx
SOT187-2
P80C652IFAA
P83C652IFAA
–40 to +85,
Plastic Leaded Chip Carrier
24
P80C652IFB
P83C652IFB/xxx
SOT307-2
P80C652IFBB
P83C652IFBB
–40 to +85,
Plastic Quad Flat Pack
24
NOTES:
1. 80C652 and 83C652 frequency range is 3.5MHz–16MHz or 3.5MHz–24MHz.
2. For specification of the EPROM version, see the 87C652 data sheet.
3. xxx denotes the ROM code number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com