Electronic Components Datasheet Search
  English  ▼

X  

83C751 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 83C751
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C751 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 83C751 Datasheet HTML 9Page - NXP Semiconductors 83C751 Datasheet HTML 10Page - NXP Semiconductors 83C751 Datasheet HTML 11Page - NXP Semiconductors 83C751 Datasheet HTML 12Page - NXP Semiconductors 83C751 Datasheet HTML 13Page - NXP Semiconductors 83C751 Datasheet HTML 14Page - NXP Semiconductors 83C751 Datasheet HTML 15Page - NXP Semiconductors 83C751 Datasheet HTML 16Page - NXP Semiconductors 83C751 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Philips Semiconductors
Product specification
83C751/87C751
80C51 8-bit microcontroller family
2K/64 OTP/ROM, I2C, low pin count
1998 May 01
13
I2C Serial Interface
The I2C bus uses two wires (SDA and SCL) to transfer information
between devices connected to the bus. The main features of the bus
are:
• Bidirectional data transfer between masters and slaves
• Serial addressing of slaves (no added wiring)
• Acknowledgment after each transferred byte
• Multimaster bus
• Arbitration between simultaneously transmitting masters without
corruption of serial data on bus
• The 82B715 extends communication distance to 100 feet (30M).
A large family of I2C compatible ICs is available. See the I2C section
of this manual for more details on the bus and available ICs.
The 83C751 I2C subsystem includes hardware to simplify the
software required to drive the I2C bus. The hardware is a single bit
interface which in addition to including the necessary arbitration and
framing error checks, includes clock stretching and a bus timeout
timer. The interface is synchronized to software either through polled
loops or interrupts. Refer to the application note AN422, in
Section 4, entitled “Using the 8XC751 Microcontroller as an I2C Bus
Master” for additional discussion of the 83C751 I2C interface and
sample driver routines.
Six time spans are important in I2C operation and are insured by
timer I:
• The MINIMUM HIGH time for SCL when this device is the master.
• The MINIMUM LOW time for SCL when this device is a master.
This is not very important for a single-bit hardware interface like
this one, because the SCL low time is stretched until the software
responds to the I2C flags. The software response time normally
meets or exceeds the MIN LO time. In cases where the software
responds within MIN HI + MIN LO) time, timer I will ensure that
the minimum time is met.
• The MINIMUM SCL HIGH TO SDA HIGH time in a stop condition.
• The MINIMUM SDA HIGH TO SDA LOW time between I2C stop
and start conditions (4.7
µs, see spec.).
• The MINIMUM SDA LOW TO SCL LOW time in a start condition.
• The MAXIMUM SCL CHANGE time while an I2C frame is in
progress. A frame is in progress between a start condition and the
following stop condition. This time span serves to detect a lack of
software response on this 8XC751 as well as external I2C
problems. SCL “stuck low” indicates a faulty master or slave. SCL
“stuck high” may mean a faulty device, or that noise induced onto
the I2C bus caused all masters to withdraw from I2C arbitration.
The first five of these times are 4.7
µs (see I2C specification) and are
covered by the low order three bits of timer I. Timer I is clocked by
the 8XC751 oscillator, which can vary in frequency from 0.5 to
16MHz. Timer I can be preloaded with one of four values to optimize
timing for different oscillator frequencies. At lower frequencies,
software response time is increased and will degrade maximum
performance of the I2C bus. See special function register I2CFG
description for prescale values (CT0, CT1).
The MAXIMUM SCL CHANGE time is important, but its exact span
is not critical. The complete 10 bits of timer I are used to count out
the maximum time. When I2C operation is enabled, this counter is
cleared by transitions on the SCL pin. The timer does not run
between I2C frames (i.e., whenever reset or stop occurred more
recently than the last start). When this counter is running, it will carry
out after 1020 to 1023 machine cycles have elapsed since a change
on SCL. A carry out causes a hardware reset of the 83C751 I2C
interface and generates an interrupt if the timer I interrupt is
enabled. In cases where the bus hangup is due to a lack of software
response by this 83C751, the reset releases SCL and allows I2C
operation among other devices to continue.
I2C Interrupts
If I2C interrupts are enabled (EA and EI2 are both set to 1), an I2C
interrupt will occur whenever the ATN flag is set by a start, stop,
arbitration loss, or data ready condition (refer to the description of
ATN following). In practice, it is not efficient to operate the I2C
interface in this fashion because the I2C interrupt service routine
would somehow have to distinguish between hundreds of possible
conditions. Also, since I2C can operate at a fairly high rate, the
software may execute faster if the code simply waits for the I2C
interface.
Typically, the I2C interrupt should only be used to indicate a start
condition at an idle slave device, or a stop condition at an idle master
device (if it is waiting to use the I2C bus). This is accomplished by
enabling the I2C interrupt only during the aforementioned conditions.
I2C Register I2CON
765432
1
0
Read
RDAT
ATN
DRDY
ARL
STR
STP
MASTER
–
Write
CXA
IDLE
CDR
CARL
CSTR
CSTP
XSTR
XSTP
Reading I2CON
RDAT
The data from SDA is captured into “Receive DATa”
whenever a rising edge occurs on SCL. RDAT is also
available (with seven low-order zeros) in the I2DAT
register. The difference between reading it here and there
is that reading I2DAT clears DRDY, allowing the I2C to
proceed on to another bit. Typically, the first seven bits of a
received byte are read from I2DAT, while the 8th is read
here. Then I2DAT can be written to send the Ack bit and
clear DRDY.
ATN
“ATteNtion” is 1 when one or more of DRDY, ARL, STR, or
STP is 1. Thus, ATN comprises a single bit that can be
tested to release the I2C service routine from a “wait loop.”
DRDY
“Data ReaDY” (and thus ATN) is set when a rising edge
occurs on SCL, except at idle slave. DRDY is cleared by
writing CDR = 1, or by writing or reading the I2DAT
register. The following low period on SCL is stretched until
the program responds by clearing DRDY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com