Electronic Components Datasheet Search
  English  ▼

X  

F2258 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2258
Description  Voltage Variable RF Attenuator 1MHz to 3000MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2258 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2258 Datasheet HTML 1Page - Renesas Technology Corp F2258 Datasheet HTML 2Page - Renesas Technology Corp F2258 Datasheet HTML 3Page - Renesas Technology Corp F2258 Datasheet HTML 4Page - Renesas Technology Corp F2258 Datasheet HTML 5Page - Renesas Technology Corp F2258 Datasheet HTML 6Page - Renesas Technology Corp F2258 Datasheet HTML 7Page - Renesas Technology Corp F2258 Datasheet HTML 8Page - Renesas Technology Corp F2258 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Voltage Variable RF Attenuator
1MHz to 3000MHz
© 2018 Renesas Electronics Corporation
1
May 7, 2021
F2255
Datasheet
GENERAL DESCRIPTION
The F2255 is a low insertion loss Voltage Variable RF
Attenuator (VVA) designed for a multitude of wireless
and other RF applications. This device covers a broad
frequency range from 1MHz to 3000MHz. In addition
to providing low insertion loss, the F2255 provides
excellent linearity performance over its entire voltage
control and attenuation range.
The F2255 uses a single positive supply voltage of
3.15V to 5.25V. Other features include the VMODE pin
allowing either positive or negative voltage control
slope vs attenuation and multi-directional operation
meaning the RF input can be applied to either RF1 or
RF2 pins. Control voltage ranges from 0V to 3.6V
using either positive or negative control voltage slope.
COMPETITIVE ADVANTAGE
The F2255 provides extremely low insertion loss and
superb IP3, IP2, Return Loss and Slope Linearity across
the control range. Comparing to competitive VVAs this
device is better as follows:
Operation down to 1MHz
Insertion Loss @ 500MHz: 1.1dB
Maximum Attenuation Slope: 33dB/Volt
Minimum Output IP3: 35dBm
Minimum Input IP2: 74dBm
High Operating Temperature: +105°C
APPLICATIONS
•
Base Station 2G, 3G, 4G
•
Portable Wireless
•
Repeaters and E911 systems
•
Digital Pre-Distortion
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
Satellite Receivers and Modems
•
WIMAX Receivers and Transmitters
•
Military Radios covering HF, VHF, UHF
•
RFID handheld and portable readers
•
Cable Infrastructure
•
Wireless LAN
•
Test / ATE Equipment
FEATURES
•
Low Insertion Loss: 1.1dB @ 500MHz
•
Typical / Min IIP3: 60dBm / 46dBm
•
Typical / Min IIP2: 98dBm / 74dBm
•
33dB Attenuation Range
•
Bi-directional RF ports
•
+36dBm Input P1dB compression
•
VMODE pin allows either positive or negative
control response
•
Linear-in-dB attenuation characteristic
•
Supply voltage: 3.15V to 5.25V
•
VCTRL range: 0V to 3.6V using 5V supply
•
+105°C max operating temperature
•
3mm x 3mm, 16-pin QFN package
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
PART# MATRIX
Part#
RF Freq Range
(MHz)
Insertion Loss
(dB)
IIP3
(dBm)
Pinout
Compatibility
F2250
50 - 6000
1.4 (at 2GHz)
+65
RFMD
F2255
1 - 3000
1.1 (at 500MHz)
+60
F2258
50 - 6000
1.4 (at 2GHz)
+65
Hittite
RF1
RF2
Control
F2255NLGK8
0.9 mm height
package
Green
Tape &
Reel
RF product Line


Similar Part No. - F2258

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2258 IDT-F2258 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2258 RENESAS-F2258 Datasheet
2Mb / 25P
Voltage Variable RF Attenuator 50 to 6000 MHz
01/20/2017
More results

Similar Description - F2258

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF2255NLGK IDT-IDTF2255NLGK Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
IDTF2258NLGK IDT-IDTF2258NLGK Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2250NLGK IDT-F2250NLGK Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2270 IDT-F2270 Datasheet
4Mb / 28P
75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
IDTF2255NLGK IDT-IDTF2255NLGK_18 Datasheet
2Mb / 26P
Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
F2270 RENESAS-F2270 Datasheet
4Mb / 30P
75廓 Voltage Variable Attenuator 5MHz to 3000MHz
IDTF2258NLGK RENESAS-IDTF2258NLGK Datasheet
2Mb / 25P
Voltage Variable RF Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com