Electronic Components Datasheet Search
  English  ▼

X  

HC55185ECMZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HC55185ECMZ
Description  VoIP Ringing SLIC Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55185ECMZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HC55185ECMZ Datasheet HTML 9Page - Renesas Technology Corp HC55185ECMZ Datasheet HTML 10Page - Renesas Technology Corp HC55185ECMZ Datasheet HTML 11Page - Renesas Technology Corp HC55185ECMZ Datasheet HTML 12Page - Renesas Technology Corp HC55185ECMZ Datasheet HTML 13Page - Renesas Technology Corp HC55185ECMZ Datasheet HTML 14Page - Renesas Technology Corp HC55185ECMZ Datasheet HTML 15Page - Renesas Technology Corp HC55185ECMZ Datasheet HTML 16Page - Renesas Technology Corp HC55185ECMZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
HC55185
FN4831 Rev 15.00
Page 13 of 20
February 9, 2012
this amplifier interfaces to the CODEC transmit input. The
output voltage is calculated using Equation 26.
Once the impedance matching components have been
selected using the design equations, the above equations
provide additional insight as to the expected AC node
voltages for a specific Tip and Ring load.
Transhybrid Balance
The final step in completing the impedance synthesis design
is calculating the necessary gains for transhybrid balance.
The AC feed back loop produces an echo at the VTX output
of the signal injected at VRX. The echo must be cancelled to
maintain voice quality. Most applications will use a summing
amplifier in the CODEC front end as shown below to cancel
the echo signal.
The resistor ratio, RF/RB, provides the final adjustment for
the transmit gain, GTX. The transmit gain is calculated using
Equation 27.
Most applications set RF = RB, hence the device 2-wire to
4-wire equals the transmit gain. Typically RB is greater than
20k
 to prevent loading of the device transmit output.
The resistor ratio, RF/RA, is determined by the transhybrid
gain of the device, G44. RF is previously defined by the
transmit gain requirement and RA is calculated using
Equation 28.
Power Dissipation
The power dissipated by the device during on hook
transmission is strictly a function of the quiescent currents
for each supply voltage during Forward Active operation.
Off hook power dissipation is increased above the quiescent
power dissipation by the DC load. If the loop length is less
than or equal to RKNEE, the device is providing constant
current, IA, and the power dissipation is calculated using
Equation 30.
If the loop length is greater than RKNEE , the device is
operating in the constant voltage, resistive feed region. The
power dissipated in this region is calculated using Equation 31.
Since the current relationships are different for constant
current versus constant voltage, the region of device
operation is critical to valid power dissipation calculations.
Reverse Active
Overview
The reverse active mode (RA, 011) provides the same
functionality as the forward active mode. On hook
transmission, DC loop feed and voice transmission are
supported. Loop supervision is provided by either the switch
hook detector (E0 = 1) or the ground key detector (E0 = 0).
The device may be operated from either high or low battery.
During reverse active the Tip and Ring DC voltage
characteristics exchange roles. That is, Ring is typically 4V
below ground and Tip is typically 4V more positive than
battery. Otherwise, all feed and voice transmission
characteristics are identical to forward active.
Silent Polarity Reversal
Changing from forward active to reverse active or vice versa
is referred to as polarity reversal. Many applications require
slew rate control of the polarity reversal event. Requirements
range from minimizing cross talk to protocol signalling.
The device uses an external low voltage capacitor, CPOL, to
set the reversal time. Once programmed, the reversal time
will remain nearly constant over various load conditions. In
addition, the reversal timing capacitor is isolated from the AC
loop, therefore loop stability is not impacted.
The internal circuitry used to set the polarity reversal time is
shown in Figure 9.
During forward active, the current from source I1 charges
the external timing capacitor CPOL and the switch is open.
VVTX
VSA
RS
8e3
----------


–
=
(EQ. 26)
FIGURE 8. TRANSHYBRID BALANCE INTERFACE
+
-
RF
RB
RA
HC5518x
CODEC
+2.4V
RX OUT
TX IN
-IN
VRX
VTX
R
R
1:1
RS
TA
GTX
G
– 24
RF
RB
--------



=
(EQ. 27)
RA
RB
G44
----------
=
(EQ. 28)
PFAQ VBH I
BHQ
VBL IBLQ
VCC ICCQ
++
=
(EQ. 29)
PFA IA

PFA Q

VBLxIA

RLOOPxI2A

–
+
=
(EQ. 30)
PFA IB

PFA Q

VBLxIB

RLOOPxI2B

–
+
=
(EQ. 31)
FIGURE 9. REVERSAL TIMING CONTROL
CPOL
POL
I1
75k
I2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com