Electronic Components Datasheet Search
  English  ▼

X  

PES10T4G2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PES10T4G2
Description  10-Lane 4-Port Gen2 PCI Express® Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PES10T4G2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PES10T4G2 Datasheet HTML 1Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 2Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 3Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 4Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 5Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 6Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 7Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 8Page - Renesas Technology Corp PES10T4G2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2 of 30
May 10, 2016
IDT 89HPES10T4G2 Data Sheet
• Power Management
— Utilizes advanced low-power design techniques to achieve
low typical power consumption
— Support PCI Express Power Management Interface specifica-
tion (PCI-PM 1.2)
— Supports PCI Express Active State Power Management
(ASPM) link state
— Supports PCI Express Power Budgeting Capability
— Supports the optional PCI Express SerDes Transmit Low-
Swing Voltage Mode
— Unused SerDes are disabled and can be powered-off.
• Testability and Debug Features
— Built in Pseudo-Random Bit Stream (PRBS) generator
— Numerous SerDes test modes
— Ability to read and write any internal register via the SMBus
— Ability to bypass link training and force any link into any mode
— Provides statistics and performance counters
• Nine General Purpose Input/Output Pins
— Each pin may be individually configured as an input or output
— Each pin may be individually configured as an interrupt input
— Some pins have selectable alternate functions
• Packaged in a 19mm x 19mm 324-ball BGA with 1mm ball
spacing
Product Description
Utilizing standard PCI Express interconnect, the PES10T4G2
provides the most efficient fan-out solution for applications requiring high
throughput, low latency, and simple board layout with a minimum
number of board layers. It provides 12 GBps (96 Gbps) of aggregated,
full-duplex switching capacity through 10 integrated serial lanes, using
proven and robust IDT technology. Each lane provides 5 Gbps of band-
width in both directions and is fully compliant with PCI Express Base
Specification, Revision 2.0.
The PES10T4G2 is based on a flexible and efficient layered architec-
ture. The PCI Express layer consists of SerDes, Physical, Data Link and
Transaction layers in compliance with PCI Express Base specification
Revision 2.0. The PES10T4G2 can operate either as a store and
forward or cut-through switch and is designed to switch memory and I/O
transactions. It supports eight Traffic Classes (TCs) and one Virtual
Channel (VC) with sophisticated resource management to enable effi-
cient switching and I/O connectivity for servers, storage, and embedded
processors with limited connectivity.
Figure 2 I/O Expansion Application
SMBus Interface
The PES10T4G2 contains two SMBus interfaces. The slave inter-
face provides full access to the configuration registers in the
PES10T4G2, allowing every configuration register in the device to be
read or written by an external agent. The master interface allows the
default configuration register values of the PES10T4G2 to be over-
ridden following a reset with values programmed in an external serial
EEPROM. The master interface is also used by an external Hot-Plug I/O
expander.
Six pins make up each of the two SMBus interfaces. These pins
consist of an SMBus clock pin, an SMBus data pin, and 4 SMBus
address pins. In the slave interface, these address pins allow the
SMBus address to which the device responds to be configured. In the
master interface, these address pins allow the SMBus address of the
serial configuration EEPROM from which data is loaded to be config-
ured. The SMBus address is set up on negation of PERSTN by
sampling the corresponding address pins. When the pins are sampled,
the resulting address is assigned as shown in Table 1.
Bit
Slave
SMBus
Address
Master
SMBus
Address
1
SSMBADDR[1]
MSMBADDR[1]
2
SSMBADDR[2]
MSMBADDR[2]
3
SSMBADDR[3]
MSMBADDR[3]
4
0
MSMBADDR[4]
5
SSMBADDR[5]
1
61
0
71
1
Table 1 Master and Slave SMBus Address Assignment
Memory
Memory
Memory
Processor
Memory
North
Bridge
PES10T4G2
I/O
10GbE
I/O
10GbE
I/O
SATA
PCI Express
Slot
Processor
x4
x2
x2
x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com