Electronic Components Datasheet Search
  English  ▼

X  

87C654 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 87C654
Description  80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C654 Datasheet(HTML) 2 Page - NXP Semiconductors

  87C654 Datasheet HTML 1Page - NXP Semiconductors 87C654 Datasheet HTML 2Page - NXP Semiconductors 87C654 Datasheet HTML 3Page - NXP Semiconductors 87C654 Datasheet HTML 4Page - NXP Semiconductors 87C654 Datasheet HTML 5Page - NXP Semiconductors 87C654 Datasheet HTML 6Page - NXP Semiconductors 87C654 Datasheet HTML 7Page - NXP Semiconductors 87C654 Datasheet HTML 8Page - NXP Semiconductors 87C654 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Philips Semiconductors
Product specification
87C652/87C654
80C51 8-bit microcontroller
8K/16K, 256 OTP, I2C
2
1999 Jul 23
853-1689 22042
DESCRIPTION
The 87C652/87C654 single-chip 8-Bit
microcontroller is manufactured in an
advanced CMOS process and is a derivative
of the 80C51 microcontroller family. The
87C652/87C654 has the same instruction
set as the 80C51. Three versions of the
derivative exist:
80C652—ROMless
83C652/83C654—8 Kbyte, 16 Kbyte ROM
87C652/87C654—8 Kbyte, 16 Kbyte OTP
The ROMless and ROM are in separate
datasheets.
This device provides architectural
enhancements that make it applicable in a
variety of applications for general control
systems. The 87C654 contains a non-volatile
16k
× 8 EPROM and the 87C652 contains an
8k x 8 EPROM. Both have a volatile 256
× 8
read/write data memory, four 8-bit I/O ports,
two 16-bit timer/event counters (identical to
the timers of the 80C51), a multi-source,
two-priority-level, nested interrupt structure,
an I2C interface, UART and on-chip oscillator
and timing circuits. For systems that require
extra capability, the 87C652/87C654 can be
expanded using standard TTL compatible
memories and logic.
The device also functions as an arithmetic
processor having facilities for both binary and
BCD arithmetic plus bit-handling capabilities.
The instruction set consists of over 100
instructions: 49 one-byte, 45 two-byte and 17
three-byte. With a 16 MHz crystal, 58% of the
instructions are executed in 0.75
µs and 40%
in 1.5
µs. Multiply and divide instructions
require 3
µs.
FEATURES
• 80C51 central processing unit
• 16k × 8 EPROM or 8k x 8 EPROM
expandable externally to 64k bytes
• 256 × 8 RAM, expandable externally to
64k bytes
• Two standard 16-bit timer/counters
• Four 8-bit I/O ports
• I2C-bus serial I/O port with byte oriented
master and slave functions
• Full-duplex UART facilities
• Power control modes
– Idle mode
– Power-down mode
• Extended temperature range
• OTP package available
• Two speed ranges
– 16 MHz
– 20 MHz
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
SCL/P1.6
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
SDA/P1.7
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P2.5/A13
P2.6/A14
P2.7/A15
PSEN
ALE/PROG
EA/VPP
P0.7/AD7
P0.6/AD6
P0.5/AD5
P0.4/AD4
P0.3/AD3
P0.2/AD2
P0.1/AD1
P0.0/AD0
VCC
PLASTIC
DUAL
IN-LINE
PACKAGE
SU00259
ORDERING INFORMATION
EPROM
TEMPERATURE RANGE
°C AND PACKAGE
FREQ
Drawing
EPROM
TEMPERATURE RANGE C AND PACKAGE
MHz
g
Number
S87C654-4N40
0 to +70, Plastic Dual In-line Package
16
SOT129-1
S87C654-4A44
0 to +70, Plastic Leaded Chip Carrier
16
SOT187-2
S87C654–4B44
0 to +70, Plastic Quad Flat Pack
16
SOT307-2
S87C654-5N40
–40 to +85, Plastic Dual In-line Package
16
SOT129-1
S87C654-5A44
–40 to +85, Plastic Leaded Chip Carrier
16
SOT187-2
S87C654-5B44
–40 to +85, Plastic Quad Flat Pack
16
SOT307-2
S87C654–7N40
0 to +70, Plastic Dual In-line Package
20
SOT129-1
S87C654–7A44
0 to +70, Plastic Leaded Chip Carrier
20
SOT187-2
S87C652-4N40
0 to +70, Plastic Dual In-line Package
16
SOT129-1
S87C652-4A44
0 to +70, Plastic Leaded Chip Carrier
16
SOT187-2
S87C652-4B44
0 to +70, Plastic Quad Flat Pack
16
SOT307-2
S87C652-5A44
–40 to +85, Plastic Leaded Chip Carrier
16
SOT187-2
NOTES:
1. For ROM see 83C654 data sheet and 83C652/80C652 data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com