Electronic Components Datasheet Search
  English  ▼

X  

87C749 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 87C749
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87C749 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 87C749 Datasheet HTML 13Page - NXP Semiconductors 87C749 Datasheet HTML 14Page - NXP Semiconductors 87C749 Datasheet HTML 15Page - NXP Semiconductors 87C749 Datasheet HTML 16Page - NXP Semiconductors 87C749 Datasheet HTML 17Page - NXP Semiconductors 87C749 Datasheet HTML 18Page - NXP Semiconductors 87C749 Datasheet HTML 19Page - NXP Semiconductors 87C749 Datasheet HTML 20Page - NXP Semiconductors 87C749 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Philips Semiconductors
Preliminary specification
83C749/87C749
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
17
A0–A10
ADDRESS STROBE
PROGRAMMING
PULSES
VPP/VIH VOLTAGE
SOURCE
CLK SOURCE
RESET
CONTROL
LOGIC
87C749
P3.0–P3.7
P0.0/ASEL
P0.1
P0.2
XTAL1
RESET
VCC
VSS
P1.0–P1.7
+5V
DATA BUS
SU00309
Figure 7. Programming Configuration
MIN 2 MACHINE
CYCLES
TEN BIT SERIAL CODE
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
UNDEFINED
UNDEFINED
XTAL1
RESET
P0.2
P0.1
SU00302
Figure 8. Entry into Program/Verify Modes
5V
12.75V
5V
25 PULSES
tSHGL
tGHSL
tGLGH
tGHGL
98
µs MIN
10
µs MIN
tMASEL
tHASET
tHAHLD
tADSTA
tDVGL
tGHDX
tAVQV
VERIFY MODE
PROGRAM MODE
VERIFY MODE
P0.2 (VPP)
P0.1 (PGM)
P0.0 (ASEL)
PORT 3
PORT 1
INVALID DATA
VALID DATA
DATA TO BE PROGRAMMED
INVALID DATA
VALID DATA
HIGH ADDRESS
LOW ADDRESS
SU00310
Figure 9. Program/Verify Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com