Electronic Components Datasheet Search
  English  ▼

X  

83C749 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 83C749
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C749 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 83C749 Datasheet HTML 10Page - NXP Semiconductors 83C749 Datasheet HTML 11Page - NXP Semiconductors 83C749 Datasheet HTML 12Page - NXP Semiconductors 83C749 Datasheet HTML 13Page - NXP Semiconductors 83C749 Datasheet HTML 14Page - NXP Semiconductors 83C749 Datasheet HTML 15Page - NXP Semiconductors 83C749 Datasheet HTML 16Page - NXP Semiconductors 83C749 Datasheet HTML 17Page - NXP Semiconductors 83C749 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Philips Semiconductors
Preliminary specification
83C749/87C749
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
14
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has five characters. The first character is always
‘t’ (= time). The other characters, depending on their positions,
indicate the name of a signal or the logical status of that signal.
The designations are:
C – Clock
D – Input data
H – Logic level high
L – Logic level low
Q – Output data
T – Time
V – Valid
X – No longer a valid logic level
Z – Float
tCHCL
tCLCL
tCLCH
tCHCX
VCC –0.5
0.45V
0.2 VCC + 0.9
0.2 VCC – 0.1
tCLCX
SU00297
Figure 4. External Clock Drive
0.2 VCC + 0.9
0.2 VCC – 0.1
VCC –0.5
0.45V
SU00307
Figure 5. AC Testing Input/Output
4MHz
8MHz
12MHz
16MHz
FREQ
MAX ACTIVE ICC
6
TYP ACTIVE ICC
6
MAX IDLE ICC
7
TYP IDLE ICC
7
ICC mA
2
4
6
8
10
12
14
16
18
20
22
SU00308
Figure 6. ICC vs. FREQ
Maximum ICC values taken at VCC = 5.5V and worst case temperature.
Typical ICC values taken at VCC = 5.0V and 25°C.
Notes 6 and 7 refer to AC Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com