Electronic Components Datasheet Search
  English  ▼

X  

83C752 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 83C752
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C752 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 83C752 Datasheet HTML 10Page - NXP Semiconductors 83C752 Datasheet HTML 11Page - NXP Semiconductors 83C752 Datasheet HTML 12Page - NXP Semiconductors 83C752 Datasheet HTML 13Page - NXP Semiconductors 83C752 Datasheet HTML 14Page - NXP Semiconductors 83C752 Datasheet HTML 15Page - NXP Semiconductors 83C752 Datasheet HTML 16Page - NXP Semiconductors 83C752 Datasheet HTML 17Page - NXP Semiconductors 83C752 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Philips Semiconductors
Product specification
83C752/87C752
80C51 8-bit microcontroller family
2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
14
DC ELECTRICAL CHARACTERISTICS (Continued)
Tamb = 0°C to +70°C or –40°C to +85°C, AVCC = 5 V ±5, AVSS = 0 V4
VCC = 5 V ± 10%, VSS = 0 V
TEST
LIMITS4
SYMBOL
PARAMETER
CONDITIONS
MIN
Typical1
MAX
UNIT
Analog Inputs (A/D guaranteed only with quartz window covered.)
AVCC
Analog supply voltage10
AVCC = VCC±0.2V
4.5
5.5
V
AICC
Analog operating supply current
AVCC = 5.12V
39
mA
AVIN
Analog input voltage12
AVSS–0.2
AVCC+0.2
V
CIA
Analog input capacitance
15
pF
tADS
Sampling time
8tCY
s
tADC
Conversion time
40tCY
s
R
Resolution
8
bits
ERA
Relative accuracy
±1
LSB
OSe
Zero scale offset
±1
LSB
Ge
Full scale gain error
0.4
%
MCTC
Channel to channel matching
±1
LSB
Ct
Crosstalk
0–100kHz
–60
dB
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification is not implied.
2. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
10 mA
(NOTE: This is 85
°C spec.)
Maximum IOL per 8-bit port:
26 mA
Maximum total IOL for all outputs:
67 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
3. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
4. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
5. Power-down ICC is measured with all output pins disconnected; port 0 = VCC; X2, X1 n.c.; RST = VSS.
6. ICC is measured with all output pins disconnected; X1 driven with tCLCH, tCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC – 0.5 V; X2 n.c.;
RST = port 0 = VCC. ICC will be slightly higher if a crystal oscillator is used.
7. Idle ICC is measured with all output pins disconnected; X1 driven with tCLCH, tCHCL = 5 ns, VIL = VSS + 0.5V, VIH = VCC – 0.5 V; X2 n.c.;
port 0 = VCC; RST = VSS.
8. Load capacitance for ports = 80 pF.
9. The resistor ladder network is not disconnected in the power down or idle modes. Thus, to conserve power, the user may remove AVCC.
10. If the A/D function is not required, or if the A/D function is only needed periodically, AVCC may be removed without affecting the operation of
the digital circuitry. Contents of ADCON and ADAT are not guaranteed to be valid. If AVCC is removed, the A/D inputs must be lowered to
less than 0.5 V. Digital inputs on P1.0–P1.4 will not function normally.
11. These parameters do not apply to P1.0–P1.4 if the A/D function is enabled.
12. The input voltage slew rate should be <10 V/ms. The maximum slew rate depends on the clock frequency of the microcontroller. Designers
should use low pass filters before the A/D inputs as a precaution to noise edges causing false readings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com