Electronic Components Datasheet Search
  English  ▼

X  

M52771ASP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M52771ASP
Description  NTSC/PAL TV Signal Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52771ASP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M52771ASP Datasheet HTML 1Page - Renesas Technology Corp M52771ASP Datasheet HTML 2Page - Renesas Technology Corp M52771ASP Datasheet HTML 3Page - Renesas Technology Corp M52771ASP Datasheet HTML 4Page - Renesas Technology Corp M52771ASP Datasheet HTML 5Page - Renesas Technology Corp M52771ASP Datasheet HTML 6Page - Renesas Technology Corp M52771ASP Datasheet HTML 7Page - Renesas Technology Corp M52771ASP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M52771ASP
REJ03F0183-0201 Rev.2.01 Mar 31, 2008
Page 2 of 7
Quick Reference Data
• Supply voltage
pin8 (VIF), pin26 (video/chroma)
……………… 5.0 V
pin22 (Start-up), pin42 (Output Stage)
………… 9.0 V
• Supply current
pin8 and pin26
………………………………… 107 mA
pin22 and pin42
………………………………… 56 mA
• Input signals
VIF input sensitivity
…………………………… 47 dBµ
SIF limiting sensitivity
………………………… 40 dBµ
External audio input
…………………………… 1 Vp-p
External CVBS/Y inputs
……………………… 1 Vp-p
External chroma input (burst amplitude)
……… 0.3 Vp-p
External RGB inputs
…………………………
0.7 Vp-p
Fast blanking
Internal TV
……………… 0 to 0.8 V
External RGB
……………… 1.2 to 3.3 V
Half Tone
………………… 3.7 to 5 V
-(R-Y) input
…………………………………… 1.05 Vp-p
-(B-Y) input
…………………………………… 1.33 Vp-p
• Output signals
VIF CVBS det out
…………………………… 2.2 Vp-p
RF AGC output range
………………………… 0.3 to 8.7 V
Video switch out
……………………………… 2.1 Vp-p
RGB output
Pedestal voltage
………… 2.2 V
amplitude
………………… 4.2 Vp-p
Horizontal output amplitude
…………………… 4.0 Vp-p
Vertical ramp amplitude
……………………… 2.0 Vp-p



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com