Electronic Components Datasheet Search
  English  ▼

X  

P87LPC762BD Datasheet(PDF) 31 Page - NXP Semiconductors

Part # P87LPC762BD
Description  Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC762BD Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button P87LPC762BD Datasheet HTML 27Page - NXP Semiconductors P87LPC762BD Datasheet HTML 28Page - NXP Semiconductors P87LPC762BD Datasheet HTML 29Page - NXP Semiconductors P87LPC762BD Datasheet HTML 30Page - NXP Semiconductors P87LPC762BD Datasheet HTML 31Page - NXP Semiconductors P87LPC762BD Datasheet HTML 32Page - NXP Semiconductors P87LPC762BD Datasheet HTML 33Page - NXP Semiconductors P87LPC762BD Datasheet HTML 34Page - NXP Semiconductors P87LPC762BD Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
Philips Semiconductors
Preliminary data
87LPC762
Low power, low price, low pin count (20 pin)
microcontroller with 2 kbyte OTP
2001 Oct 26
28
Timer/Counters
The 87LPC762 has two general purpose counter/timers which are
upward compatible with the standard 80C51 Timer 0 and Timer 1.
Both can be configured to operate either as timers or event counters
(see Figure 22). An option to automatically toggle the T0 and/or T1
pins upon timer overflow has been added.
In the “Timer” function, the register is incremented every machine
cycle. Thus, one can think of it as counting machine cycles. Since a
machine cycle consists of 6 CPU clock periods, the count rate is 1/6
of the CPU clock frequency. Refer to the section Enhanced CPU for
a description of the CPU clock.
In the “Counter” function, the register is incremented in response to
a 1-to-0 transition at its corresponding external input pin, T0 or T1.
In this function, the external input is sampled once during every
machine cycle. When the samples of the pin state show a high in
one cycle and a low in the next cycle, the count is incremented. The
new count value appears in the register during the cycle following
the one in which the transition was detected. Since it takes 2
machine cycles (12 CPU clocks) to recognize a 1-to-0 transition, the
maximum count rate is 1/6 of the CPU clock frequency. There are no
restrictions on the duty cycle of the external input signal, but to
ensure that a given level is sampled at least once before it changes,
it should be held for at least one full machine cycle.
The “Timer” or “Counter” function is selected by control bits C/T in
the Special Function Register TMOD. In addition to the “Timer” or
“Counter” selection, Timer 0 and Timer 1 have four operating
modes, which are selected by bit-pairs (M1, M0) in TMOD. Modes 0,
1, and 2 are the same for both Timers/Counters. Mode 3 is different.
The four operating modes are described in the following text.
BIT
SYMBOL
FUNCTION
TMOD.7
GATE
Gating control for Timer 1. When set, Timer/Counter is enabled only while the INT1 pin is high and
the TR1 control pin is set. When cleared, Timer 1 is enabled when the TR1 control bit is set.
TMOD.6
C/T
Timer or Counter Selector for Timer 1. Cleared for Timer operation (input from internal system clock.)
Set for Counter operation (input from T1 input pin).
TMOD.5, 4
M1, M0
Mode Select for Timer 1 (see table below).
TMOD.3
GATE
Gating control for Timer 0. When set, Timer/Counter is enabled only while the INT0 pin is high and
the TR0 control pin is set. When cleared, Timer 0 is enabled when the TR0 control bit is set.
TMOD.2
C/T
Timer or Counter Selector for Timer 0. Cleared for Timer operation (input from internal system clock.)
Set for Counter operation (input from T0 input pin).
TMOD.1, 0
M1, M0
Mode Select for Timer 0 (see table below).
M1, M0
Timer Mode
0 0
8048 Timer “TLn” serves as 5-bit prescaler.
0 1
16-bit Timer/Counter “THn” and “TLn” are cascaded; there is no prescaler.
1 0
8-bit auto-reload Timer/Counter. THn holds a value which is loaded into TLn when it overflows.
1 1
Timer 0 is a dual 8-bit Timer/Counter in this mode. TL0 is an 8-bit Timer/Counter controlled by the
standard Timer 0 control bits. TH0 is an 8-bit timer only, controlled by the Timer 1 control bits (see
text). Timer 1 in this mode is stopped.
M0
SU01171
M1
C/T
GATE
M0
M1
C/T
GATE
0
1
2
3
4
5
6
7
TMOD
Reset Value: 00h
Not Bit Addressable
Address: 89h
T1
T0
Figure 22. Timer/Counter Mode Control Register (TMOD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com