Electronic Components Datasheet Search
  English  ▼

X  

OM5217RT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM5217RT
Description  HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM5217RT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM5217RT Datasheet HTML 1Page - List of Unclassifed Manufacturers OM5217RT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ELECTRICAL CHARACTERISTICS (Per Diode)
Maximum
Maximum
Maximum
Maximum
Type
PIV
Forward Voltage
Reverse Current
Reverse
Thermal
(Volts) @ (1)
@ PIV
Recovery
Resist.
T
j = 25° C
T
j = 100° C
T
j = 25° C
T
j = 100° C
Time (2)
Rq
q
JC
OM5201XX
50
OM5202XX
100
1.0V @ 8A
.925V @ 8A
10 µA
500 µA
35 nsec
3.8
OM5203XX
150
OM5216XX
200
OM5217XX
300
1.4V @ 8A
1.1V @ 8A
20 µA
1.0 mA
50 nsec
2.5
OM5233XX
400
OM5234XX
600
1.55V @ 8A
1.25V @ 8A
20 µA
1.0 mA
50 nsec
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle 2.0%. (2) Measured in Circuit: I
F = 0.5 A, IR = 1.0 A, IREC = 0.25 A
100
10
50
20
1.0
5.0
2.0
0.1
0.5
0.2
0.01
0.05
0.02
0
50
100
150 200 250 300
350 400 450 500
TYPICAL REVERSE CURRENT
OM5217, 5233
100
10
50
20
1.0
5.0
2.0
0.1
0.5
0.2
0.01
0.05
0.02
0
20
40
60
80
100 120
140 160 180 200
100
50
30
20
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
F = INSTANTANEOUS VOLTAGE (VOLTS)
100
50
30
20
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
F = INSTANTANEOUS VOLTAGE (VOLTS)
T
J = 150°C
25°C
50 V TO 200 V
TYPICAL FORWARD VOLTAGE
OM5201, 5202, 5203, 5216
T
J = 150°C
300 V & 400 V
TYPICAL FORWARD VOLTAGE
OM5217, 5233
T
J = 150°C
25°C
100°C
T
J = 150°C
25°C
100°C
TYPICAL REVERSE CURRENT
OM5201, 5202, 5203, 5216
V
R = REVERSE VOLTAGE (VOLTS)
V
R = REVERSE VOLTAGE (VOLTS)
100°C
25°C
100°C
OM5201ST/RT/DT - OM5234ST/RT/DT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com