Electronic Components Datasheet Search
  English  ▼

X  

85222 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 85222
Description  Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85222 Datasheet(HTML) 1 Page - Renesas Technology Corp

  85222 Datasheet HTML 1Page - Renesas Technology Corp 85222 Datasheet HTML 2Page - Renesas Technology Corp 85222 Datasheet HTML 3Page - Renesas Technology Corp 85222 Datasheet HTML 4Page - Renesas Technology Corp 85222 Datasheet HTML 5Page - Renesas Technology Corp 85222 Datasheet HTML 6Page - Renesas Technology Corp 85222 Datasheet HTML 7Page - Renesas Technology Corp 85222 Datasheet HTML 8Page - Renesas Technology Corp 85222 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Dual LVCMOS / LVTTL-TO-Differential
LVHSTL Translator
85222
DATASHEET
85222 REVISION C 5/7/15
1
©2015 Integrated Device Technology, Inc.
The
85222
is
a
Dual
LVCMOS
/
LVTTL-to-
Differential LVHSTL Translator.The 85222 has two single ended
clock inputs. The single ended clock input accepts LVCMOS or
LVTTL input levels and translates them to LVHSTL levels. The
small outline 8-pin SOIC package makes this device ideal for
applications where space, high performance and low power are
important. For optimum performance, both output pairs need to
be terminated, even if one output pair is unused.
GENERAL DESCRIPTION
FEATURES
• 2 differential LVHSTL outputs
• Selectable CLK0, CLK1 LVCMOS clock inputs
• CLK0 and CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 350MHz
• Part-to-part skew: 350ps (maximum)
• Propagation delay: 1.3ns (maximum)
• V
OH: 1.2V (maximum)
• 3.3V and 2.5V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Lead-Free package fully RoHS compliant
BLOCK DIAGRAM
PIN ASSIGNMENT
85222
8-Lead SOIC
3.90mm x 4.92mm x 1.37mm body package
M Package
Top View
Q0
nQ0
Q1
nQ1
1
2
3
4
Q0
nQ0
Q1
nQ1
CLK0
CLK1
VDD
CLK0
CLK1
GND
8
7
6
5


Similar Part No. - 85222

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85222 IDT-85222 Datasheet
152Kb / 13P
Dual LVCMOS / LVTTL-TO-Differential
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
logo
Integrated Device Techn...
85222-02 IDT-85222-02 Datasheet
211Kb / 12P
1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
logo
Renesas Technology Corp
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
More results

Similar Description - 85222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Integrated Circuit Syst...
ICS85222 ICST-ICS85222 Datasheet
247Kb / 12P
DUAL LVCMOS / LVTTL-TO DIFFERENTIAL LVHSTL TRANSLATOR
REV. B MARCH 31, 2005
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
Dual LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
690Kb / 8P
Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
830S21I IDT-830S21I Datasheet
354Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
logo
Renesas Technology Corp
85222-01 RENESAS-85222-01 Datasheet
390Kb / 15P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
5/7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com