Electronic Components Datasheet Search
  English  ▼

X  

85222AMLFT Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 85222AMLFT
Description  Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85222AMLFT Datasheet(HTML) 2 Page - Renesas Technology Corp

  85222AMLFT Datasheet HTML 1Page - Renesas Technology Corp 85222AMLFT Datasheet HTML 2Page - Renesas Technology Corp 85222AMLFT Datasheet HTML 3Page - Renesas Technology Corp 85222AMLFT Datasheet HTML 4Page - Renesas Technology Corp 85222AMLFT Datasheet HTML 5Page - Renesas Technology Corp 85222AMLFT Datasheet HTML 6Page - Renesas Technology Corp 85222AMLFT Datasheet HTML 7Page - Renesas Technology Corp 85222AMLFT Datasheet HTML 8Page - Renesas Technology Corp 85222AMLFT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL
LVHSTL TRANSLATOR
85222 DATA SHEET
2
REVISION C 5/7/15
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Number
Name
Type
Description
1, 2
Q0, nQ0
Output
Differential output pair. LVHSTL interface levels.
3, 4
Q1, nQ1
Output
Differential output pair. LVHSTL interface levels.
5
GND
Power
Power supply ground.
6
CLK1
Input
Pulldown
LVCMOS / LVTTL clock input.
7
CLK0
Input
Pulldown
LVCMOS / LVTTL clock input.
8V
DD
Power
Positive supply pin.
NOTE: Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
NOTE: Unused output pairs must be terminated. Refer to Application Information section for a schematic layout.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com