Electronic Components Datasheet Search
  English  ▼

X  

85311AMILFT Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 85311AMILFT
Description  Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85311AMILFT Datasheet(HTML) 2 Page - Renesas Technology Corp

  85311AMILFT Datasheet HTML 1Page - Renesas Technology Corp 85311AMILFT Datasheet HTML 2Page - Renesas Technology Corp 85311AMILFT Datasheet HTML 3Page - Renesas Technology Corp 85311AMILFT Datasheet HTML 4Page - Renesas Technology Corp 85311AMILFT Datasheet HTML 5Page - Renesas Technology Corp 85311AMILFT Datasheet HTML 6Page - Renesas Technology Corp 85311AMILFT Datasheet HTML 7Page - Renesas Technology Corp 85311AMILFT Datasheet HTML 8Page - Renesas Technology Corp 85311AMILFT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
©2016 Integrated Device Technology, Inc.
Revision B, February 18, 2016
85311I Datasheet
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2
Q0, nQ0
Output
Differential output pair. LVPECL interface levels.
3, 4
Q1, nQ1
Output
Differential output pair. LVPECL interface levels.
5VEE
Power
Negative supply pin.
6
nCLK
Input
Pullup
Inverting differential clock input.
7
CLK
Input
Pulldown
Non-inverting differential clock input.
8VCC
Power
Positive supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com