Electronic Components Datasheet Search
  English  ▼

X  

85411AMILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 85411AMILF
Description  Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

85411AMILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  85411AMILF Datasheet HTML 1Page - Renesas Technology Corp 85411AMILF Datasheet HTML 2Page - Renesas Technology Corp 85411AMILF Datasheet HTML 3Page - Renesas Technology Corp 85411AMILF Datasheet HTML 4Page - Renesas Technology Corp 85411AMILF Datasheet HTML 5Page - Renesas Technology Corp 85411AMILF Datasheet HTML 6Page - Renesas Technology Corp 85411AMILF Datasheet HTML 7Page - Renesas Technology Corp 85411AMILF Datasheet HTML 8Page - Renesas Technology Corp 85411AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Skew, 1-to-2 Differential-to-LVDS
Fanout Buffer
85411I
Data Sheet
©2016 Integrated Device Technology, Inc
Revision B January 20, 2016
1
GENERAL DESCRIPTION
The 85411I is a low skew, high performance 1-to-2 Differential-
to-LVDS Fanout Buffer and a member of the family of High
Performance Clock Solutions from IDT. The CLK, nCLK pair
can accept most standard differential input levels.The 85411I is
characterized to operate from a 3.3V power supply. Guaranteed
output and part-to-part skew characteristics make the 85411I ideal
for those clock distribution applications demanding well defined
performance and repeatability.
FEATURES
• Two differential LVDS outputs
• One differential CLK, nCLK clock input
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 650MHz
• Translates any single ended input signal to
LVDS levels with resistor bias on nCLK input
• Output skew: 25ps (maximum)
• Part-to-part skew: 300ps (maximum)
• Additive phase jitter, RMS: 0.05ps (typical)
• Propagation delay: 2.5ns (maximum)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead free (RoHS 6) package
BLOCK DIAGRAM
PIN ASSIGNMENT
85411I
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
Q0
nQ0
Q1
nQ1
1
2
3
4
VDD
CLK
nCLK
GND
8
7
6
5
Q0
nQ0
Q1
nQ1
CLK
nCLK


Similar Part No. - 85411AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85411AMILF IDT-85411AMILF Datasheet
228Kb / 15P
Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
85411AMILFT IDT-85411AMILFT Datasheet
228Kb / 15P
Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
More results

Similar Description - 85411AMILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
REV. B JUNE 16, 2004
logo
Integrated Device Techn...
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
854S006I IDT-854S006I Datasheet
272Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006 IDT-854S006 Datasheet
691Kb / 17P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com