Electronic Components Datasheet Search
  English  ▼

X  

87016 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 87016
Description  Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87016 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 87016 Datasheet HTML 8Page - Renesas Technology Corp 87016 Datasheet HTML 9Page - Renesas Technology Corp 87016 Datasheet HTML 10Page - Renesas Technology Corp 87016 Datasheet HTML 11Page - Renesas Technology Corp 87016 Datasheet HTML 12Page - Renesas Technology Corp 87016 Datasheet HTML 13Page - Renesas Technology Corp 87016 Datasheet HTML 14Page - Renesas Technology Corp 87016 Datasheet HTML 15Page - Renesas Technology Corp 87016 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
01/21/20
87016 DATA SHEET
13
LOW SKEW, 1-TO-16
LVCMOS/LVTTL CLOCK GENERATOR
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for 87016 is: 2034
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 48 LEAD LQFP
θJA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below.
The package information is the most current data available.
www.idt.com/us/en/document/cpt/prprg-package-outline-70-x-70-x-14-mm-tqfp-10010-form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com