Electronic Components Datasheet Search
  English  ▼

X  

87608AYILF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 87608AYILF
Description   bLow Voltage/Low Skew, 1:8 PCI/PCI-X Zero Delay clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87608AYILF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 87608AYILF Datasheet HTML 8Page - Renesas Technology Corp 87608AYILF Datasheet HTML 9Page - Renesas Technology Corp 87608AYILF Datasheet HTML 10Page - Renesas Technology Corp 87608AYILF Datasheet HTML 11Page - Renesas Technology Corp 87608AYILF Datasheet HTML 12Page - Renesas Technology Corp 87608AYILF Datasheet HTML 13Page - Renesas Technology Corp 87608AYILF Datasheet HTML 14Page - Renesas Technology Corp 87608AYILF Datasheet HTML 15Page - Renesas Technology Corp 87608AYILF Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
87608I Data Sheet
©2016 Integrated Device Technology, Inc
Revision C January 25, 2016
14
REVISION HISTORY SHEET
Rev
Table
Page
Description of Change
Date
A
2
Corrected MR in the Block Diagram.
4/6/04
A
7
Parameter Measurement Information - for 3.3V Outpt Load AC Test Circuit dia-
gram corrected GND from “-1.165V±5%” to “-1.65V±5%”.
4/23/04
A
T10
11
Ordering Information Table - added Lead-Free part number.
10/11/04
B
T7B
6
AC Characteristics Table - changed tjit(cc) from 120ps max to 170ps max.
1/28/05
B
1
Feature section, Cycle-to-Cycle Jitter note - added “@ 3.3V”.
3/11/05
C
T2
T5
T10
3
6
9
12
Pin Characteristics Table - corrected R
PULLUP/DOWN values from 51Ω max. to 51kΩ
typical.
Crystal Characterisitics Table - Added Drive Level parameter.
Added Recommendations for Unused Input and Output Pins.
Ordering Information Table - added lead-free note.
11/11/05
C
T10
10
12
Added LVCMOS to XTAL Interface.
Ordering Information Table - corrected lead-free marking.
4/28/06
C
T10
13
15
Updated datasheet’s header/footer with IDT from ICS.
Removed ICS prefix from Part/Order Number column.
Added Contact Page.
10/13/10
C
T10
1
13
Removed ICS from part number where needed.
Features section - removed reference to leaded packages.
Ordering Information - removed quantity from tape and reel. Deleted LF note
below table.
Updated header and footer.
1/25/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com