Electronic Components Datasheet Search
  English  ▼

X  

SP3220 Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP3220
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220 Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP3220 Datasheet HTML 11Page - Sipex Corporation SP3220 Datasheet HTML 12Page - Sipex Corporation SP3220 Datasheet HTML 13Page - Sipex Corporation SP3220 Datasheet HTML 14Page - Sipex Corporation SP3220 Datasheet HTML 15Page - Sipex Corporation SP3220 Datasheet HTML 16Page - Sipex Corporation SP3220 Datasheet HTML 17Page - Sipex Corporation SP3220 Datasheet HTML 18Page - Sipex Corporation SP3220 Datasheet HTML 19Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
19
Rev. 6/30/03
SP3238 Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2003 Sipex Corporation
Model
Temperature Range
Package Types
SP3238CA
0°C to +70°C
28-pin SSOP
SP3238CA/TR
0°C to +70°C
28-pin SSOP
SP3238CY
0°C to +70°C
28-pin TSSOP
SP3238CY/TR
0°C to +70°C
28-pin TSSOP
SP3238EA
-40°C to +85°C
28-pin SSOP
SP3238EA/TR
-40°C to +85°C
28-pin SSOP
SP3238EY
-40°C to +85°C
28-pin TSSOP
SP3238EY/TR
-40°C to +85°C
28-pin TSSOP
ORDERING INFORMATION
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP3238EA/TR = standard; SP3238EA-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 1,500 for SSOP and TSSOP.
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com