Electronic Components Datasheet Search
  English  ▼

X  

SP3238CY Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3238CY
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238CY Datasheet(HTML) 5 Page - Sipex Corporation

  SP3238CY Datasheet HTML 1Page - Sipex Corporation SP3238CY Datasheet HTML 2Page - Sipex Corporation SP3238CY Datasheet HTML 3Page - Sipex Corporation SP3238CY Datasheet HTML 4Page - Sipex Corporation SP3238CY Datasheet HTML 5Page - Sipex Corporation SP3238CY Datasheet HTML 6Page - Sipex Corporation SP3238CY Datasheet HTML 7Page - Sipex Corporation SP3238CY Datasheet HTML 8Page - Sipex Corporation SP3238CY Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Rev. 6/30/03
SP3238 Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2003 Sipex Corporation
Table 1. Device Pin Description
E
M
A
NN
O
I
T
C
N
U
F
N
I
P
.
O
N
+
2
C
.
2
C
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
l
a
c
i
r
t
e
m
m
y
s
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
i
s
o
P
1
D
N
G.
d
n
u
o
r
G
2
-
2
C
.
2
C
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
l
a
c
i
r
t
e
m
m
y
s
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
a
g
e
N
3
-
V.
p
m
u
p
e
g
r
a
h
c
e
h
t
y
b
d
e
t
a
r
e
n
e
g
t
u
p
t
u
o
V
5
.
5
-
d
e
t
a
l
u
g
e
R
4
T
1
T
U
O.
t
u
p
t
u
o
r
e
v
i
r
d
2
3
2
-
S
R
5
T
2
T
U
O.
t
u
p
t
u
o
r
e
v
i
r
d
2
3
2
-
S
R
6
T
3
T
U
O.
t
u
p
t
u
o
r
e
v
i
r
d
2
3
2
-
S
R
7
R
1 N
I.
t
u
p
n
i
r
e
v
i
e
c
e
r
2
3
2
-
S
R
8
R
2 N
I.
t
u
p
n
i
r
e
v
i
e
c
e
r
2
3
2
-
S
R
9
T
4
T
U
O.
t
u
p
t
u
o
r
e
v
i
r
d
2
3
2
-
S
R
0
1
R
3 N
I.
t
u
p
n
i
r
e
v
i
e
c
e
r
2
3
2
-
S
R
1
1
T
5
T
U
O.
t
u
p
t
u
o
r
e
v
i
r
d
2
3
2
-
S
R
2
1
E
N
I
L
N
O
e
d
i
r
r
e
v
o
o
t
H
G
I
H
c
i
g
o
l
y
l
p
p
A
E
N
I
L
-
N
O
O
T
U
A
®
e
v
i
t
c
a
s
r
e
v
i
r
d
g
n
i
p
e
e
k
y
r
t
i
u
c
r
i
c
.
)
2
e
l
b
a
T
o
t
r
e
f
e
r
,
H
G
I
H
c
i
g
o
l
e
b
o
s
l
a
t
s
u
m
N
W
O
D
T
U
H
S
(
3
1
N
W
O
D
T
U
H
S
ll
a
s
e
d
i
r
r
e
v
o
s
i
h
T
.
p
m
u
p
e
g
r
a
h
c
d
n
a
s
r
e
v
i
r
d
n
w
o
d
t
u
h
s
o
t
W
O
L
c
i
g
o
l
y
l
p
p
A
O
T
U
A
E
N
I
L
-
N
O
®
.
)
2
e
l
b
a
T
o
t
r
e
f
e
r
(
E
N
I
L
N
O
d
n
a
y
r
t
i
u
c
r
i
c
4
1
S
U
T
A
T
S
.
t
u
p
n
i
r
e
v
i
e
c
e
r
y
n
a
n
o
t
n
e
s
e
r
p
s
i
l
a
n
g
i
s
2
3
2
-
S
R
a
f
i
g
n
i
t
a
c
i
d
n
i
t
u
p
t
u
O
S
O
M
C
/
L
T
T
5
1
R
1
T
U
O.
n
w
o
d
t
u
h
s
n
i
e
v
i
t
c
a
,
t
u
p
t
u
o
1
-
r
e
v
i
e
c
e
r
g
n
i
t
r
e
v
n
i
-
n
o
N
6
1
T
5 N
I.
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
7
1
R
3
T
U
O.
t
u
p
t
u
o
r
e
v
i
e
c
e
r
S
O
M
C
/
L
T
T
8
1
T
4 N
I.
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
9
1
R
2
T
U
O.
t
u
p
t
u
o
r
e
v
i
e
c
e
r
S
O
M
C
/
L
T
T
0
2
R
1
T
U
O.
t
u
p
t
u
o
r
e
v
i
e
c
e
r
S
O
M
C
/
L
T
T
1
2
T
3 N
I.
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
2
2
T
2 N
I.
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
3
2
T
1 N
I.
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
4
2
-
1
C
.
1
C
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
l
a
c
i
r
t
e
m
m
y
s
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
a
g
e
N
5
2
V
C
C
.
e
g
a
t
l
o
v
y
l
p
p
u
s
V
5
.
5
+
o
t
V
0
.
3
+
6
2
+
V.
p
m
u
p
e
g
r
a
h
c
e
h
t
y
b
d
e
t
a
r
e
n
e
g
t
u
p
t
u
o
V
5
.
5
+
d
e
t
a
l
u
g
e
R
7
2
+
1
C1
C
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
l
a
c
i
r
t
e
m
m
y
s
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
i
s
o
P
8
2
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com