Electronic Components Datasheet Search
  English  ▼

X  

SP3238CY/TR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3238CY/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3238CY/TR Datasheet(HTML) 3 Page - Sipex Corporation

  SP3238CY/TR Datasheet HTML 1Page - Sipex Corporation SP3238CY/TR Datasheet HTML 2Page - Sipex Corporation SP3238CY/TR Datasheet HTML 3Page - Sipex Corporation SP3238CY/TR Datasheet HTML 4Page - Sipex Corporation SP3238CY/TR Datasheet HTML 5Page - Sipex Corporation SP3238CY/TR Datasheet HTML 6Page - Sipex Corporation SP3238CY/TR Datasheet HTML 7Page - Sipex Corporation SP3238CY/TR Datasheet HTML 8Page - Sipex Corporation SP3238CY/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Rev. 6/30/03
SP3238 Intelligent +3.0V to +5.5V RS-232 Transceiver
© Copyright 2003 Sipex Corporation
ELECTRICAL CHARACTERISTICS
V
CC = +3.0 to +5.5, C1 -C4 = 0.1µF (tested at 3.3V + 5%), C1-C4 = 0.22µF (tested at 3.3V + 10%), C1 = 0.047µF, and C2-C4 = 0.33µF (tested at 5.0V
+ 10%), T
A = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
T
U
P
T
U
O
R
E
V
I
R
D
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O0
.
5
±4
.
5
±V
K
3
h
t
i
w
d
e
d
a
o
l
s
t
u
p
t
u
o
r
e
v
i
r
d
ll
A
Ω
D
N
G
o
t
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O0
0
3
Ω
V
C
C
V
,
V
0
=
-
V
=
+
V
=
T
U
O
V
2
±
=
t
n
e
r
r
u
C
t
i
u
c
r
i
C
-
t
r
o
h
S
t
u
p
t
u
O5
3
±0
6
±A
mV
T
U
O
D
N
G
=
S
T
U
P
N
I
R
E
V
I
E
C
E
R
e
g
n
a
R
e
g
a
t
l
o
V
t
u
p
n
I5
2
-5
2V
W
O
L
d
l
o
h
s
e
r
h
T
t
u
p
n
I6
.
02
.
1V
V
C
C
V
3
.
3
=
W
O
L
d
l
o
h
s
e
r
h
T
t
u
p
n
I8
.
05
.
1V
V
C
C
V
0
.
5
=
H
G
I
H
d
l
o
h
s
e
r
h
T
t
u
p
n
I5
.
14
.
2V
V
C
C
V
3
.
3
=
H
G
I
H
d
l
o
h
s
e
r
h
T
t
u
p
n
I8
.
14
.
2V
V
C
C
V
0
.
5
=
s
i
s
e
r
e
t
s
y
H
t
u
p
n
I5
.
0V
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I3
5
7
kΩ
E
N
I
L
-
N
O
O
T
U
A
®
V
=
N
W
O
D
T
U
H
S
,
D
N
G
=
E
N
I
L
N
O
(
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
Y
R
T
I
U
C
R
I
C
C
C )
W
O
L
e
g
a
t
l
o
V
t
u
p
t
u
O
S
U
T
A
T
S4
.
0V
I
T
U
O
A
m
6
.
1
=
H
G
I
H
e
g
a
t
l
o
V
t
u
p
t
u
O
S
U
T
A
T
SV
C
C
6
.
0
-V
I
T
U
O
A
m
0
.
1
-
=
s
r
e
v
i
r
D
o
t
d
l
o
h
s
e
r
h
T
r
e
v
i
e
c
e
R
t
(
d
e
l
b
a
n
E
E
N
I
L
N
O
)
0
0
2
µS
0
1
e
r
u
g
i
F
e
v
i
t
a
g
e
N
r
o
e
v
i
t
i
s
o
P
r
e
v
i
e
c
e
R
H
G
I
H
S
U
T
A
T
S
o
t
d
l
o
h
s
e
r
h
T
t
(
H
S
T
S
)
5
.
0
µS
0
1
e
r
u
g
i
F
e
v
i
t
a
g
e
N
r
o
e
v
i
t
i
s
o
P
r
e
v
i
e
c
e
R
W
O
L
S
U
T
A
T
S
o
t
d
l
o
h
s
e
r
h
T
t
(
L
S
T
S
)
0
2
µS
0
1
e
r
u
g
i
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com