Electronic Components Datasheet Search
  English  ▼

X  

165RHT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 165RHT
Description  Aluminium electrolytic capacitors Radial High Temperature
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

165RHT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 165RHT Datasheet HTML 2Page - NXP Semiconductors 165RHT Datasheet HTML 3Page - NXP Semiconductors 165RHT Datasheet HTML 4Page - NXP Semiconductors 165RHT Datasheet HTML 5Page - NXP Semiconductors 165RHT Datasheet HTML 6Page - NXP Semiconductors 165RHT Datasheet HTML 7Page - NXP Semiconductors 165RHT Datasheet HTML 8Page - NXP Semiconductors 165RHT Datasheet HTML 9Page - NXP Semiconductors 165RHT Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Additional electrical data
35
100
10
× 16
15
200
38
10
0.12
1.70
−
0.65
165 50101
165 60101
165 30101
470
16
× 25
19
600
170
36
0.12
0.37
−
0.14
165 50471
165 60471
165 30471
40
47
10
× 12
14
130
22
7
0.12
3.70
−
1.30
165 57479
165 67479
165 37479
100
10
× 20
16
210
43
11
0.12
1.70
−
0.60
165 57101
165 67101
165 37101
220
12.5
× 20
17
340
91
21
0.12
0.78
−
0.27
165 57221
165 67221
165 37221
470
16
× 31
20
650
190
41
0.12
0.37
−
0.13
165 57471
165 67471
165 37471
1000
16
× 35
21
1000
400
83
0.12
0.17
−
0.06
165 57102
165 67102
−
50
22
10
× 12
14
100
14
5
0.10
6.50
−
2.3
165 51229
165 61229
165 31229
47
10
× 16
15
150
27
8
0.10
3.00
−
1.10
165 51479
165 61479
165 31479
100
12.5
× 20
17
260
53
13
0.10
1.40
−
0.50
165 51101
165 61101
165 31101
220
16
× 25
19
450
110
25
0.10
0.65
−
0.23
165 51221
165 61221
165 31221
470
16
× 35
21
760
240
50
0.10
0.30
−
0.11
165 51471
165 61471
−
1000
16
× 35
21
1200
500
100
0.10
0.14
−
0.05
165 90506
165 90512
−
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
Us ≤ 1.3 UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
after 1 minute at UR
IL1 ≤ 0.01CR × UR +3 µA
after 5 minutes at UR
IL5 ≤ 0.002CR × UR +3 µA
Inductance
Equivalent series inductance (ESL)
case
∅D = 10 mm
typ. 16 nH
case
∅D ≥ 12.5 mm
typ. 18 nH
UR
(V)
CR
100 Hz
(
µF)
NOMINAL
CASE SIZE
∅D × L
(mm)
CASE
CODE
IR
100 Hz
125
°C
(mA)
IL1
1 min
(
µA)
IL5
5 min
(
µA)
Tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
Z
100 kHz
(
Ω)
CATALOGUE NUMBER 2222
...
.....
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com