Electronic Components Datasheet Search
  English  ▼

X  

PS9302L Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS9302L
Description  2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SDIP PHOTOCOUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9302L Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS9302L Datasheet HTML 1Page - Renesas Technology Corp PS9302L Datasheet HTML 2Page - Renesas Technology Corp PS9302L Datasheet HTML 3Page - Renesas Technology Corp PS9302L Datasheet HTML 4Page - Renesas Technology Corp PS9302L Datasheet HTML 5Page - Renesas Technology Corp PS9302L Datasheet HTML 6Page - Renesas Technology Corp PS9302L Datasheet HTML 7Page - Renesas Technology Corp PS9302L Datasheet HTML 8Page - Renesas Technology Corp PS9302L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS9302L
2.5 A OUTPUT CURRENT, HIGH CMR
IGBT GATE DRIVE
8-PIN SDIP PHOTOCOUPLER
−NEPOC Series−
Document No. PN10744EJ02V0DS (2nd edition)
Date Published August 2009 NS
Printed in Japan
2009
PIN CONNECTION
(Top View)
1. Anode
2. Cathode
3. Cathode
4. NC
5. VEE
6. VEE
7. VO
8. VCC
12
3
4
87
6
5
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The PS9302L is an optically coupled isolator containing a GaAlAs LED on the input side and a photo diode, a
signal processing circuit and a power output transistor on the output side on one chip.
The PS9302L is designed specifically for high common mode transient immunity (CMR), high output current and
high switching speed.
FEATURES
• Large peak output current (2.5 A MAX., 2.0 A MIN.)
• High speed switching (tPLH
, tPHL = 0.5
μs MAX.)
• Long creepage distance (8 mm MIN.)
• UVLO (Under Voltage Lock Out) protection with hysteresis
• High common mode transient immunity (CMH, CML =
±25 kV/
μs MIN.)
• Ordering number of tape product: PS9302L-E3: 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
• DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40019182 (Option)
APPLICATIONS
• IGBT, Power MOS FET Gate Driver
• Industrial inverter
• IH (Induction Heating)
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com