Electronic Components Datasheet Search
  English  ▼

X  

AC03 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # AC03
Description  Cemented wirewound resistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AC03 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button AC03 Datasheet HTML 16Page - NXP Semiconductors AC03 Datasheet HTML 17Page - NXP Semiconductors AC03 Datasheet HTML 18Page - NXP Semiconductors AC03 Datasheet HTML 19Page - NXP Semiconductors AC03 Datasheet HTML 20Page - NXP Semiconductors AC03 Datasheet HTML 21Page - NXP Semiconductors AC03 Datasheet HTML 22Page - NXP Semiconductors AC03 Datasheet HTML 23Page - NXP Semiconductors AC03 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
2000 Oct 20
23
BCcomponents
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
schedule of “IEC publications 60115-1 and 60115-4”,
category 40/200/56 (rated temperature range
−40 °Cto
+200
°C; damp heat, long term, 56 days). The testing also
covers the requirements specified by EIA and EIAJ.
The tests are carried out in accordance with IEC publication
60 068, “Recommended basic climatic and mechanical
robustness testing procedure for electronic components”
and under standard atmospheric conditions according to
“IEC 60 068-1”, subclause 5.3.
In Table 5 the tests and requirements are listed with
reference to the relevant clauses of
“IEC publications 60115-1, 115-4 and 68” ; a short
description of the test procedure is also given. In some
instances deviations from the IEC recommendations were
necessary for our method of specifying.
All soldering tests are performed with mildly activated flux.
Table 5
Test procedures and requirements
IEC
60115-1
CLAUSE
IEC
60068
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
Tests in accordance with the schedule of IEC publication 60115-1
4.15
robustness of
resistor body
load 200
±10 N
no visible damage
∆R/R max.: ±0.5% + 0.05 Ω
4.16
U
robustness of
terminations:
Ua
tensile all samples
load 10 N; 10 s
Ub
bending half
number of samples
load 5 N 90
°, 180°, 90°
Uc
torsion other half of
samples
2
× 180° in opposite directions
no visible damage
∆R/R max.: ±0.5% + 0.05 Ω
4.17
Ta
solderability
2 s; 235
°C; flux 600
good tinning; no damage
4.18
Tb
resistance to soldering
heat
thermal shock: 3 s; 350
°C;
2.5 mm from body
∆R/R max.: ±0.5% + 0.05 Ω
4.19
14 (Na)
rapid change of
temperature
30 minutes at
−40 °C and
30 minutes at +200
°C; 5 cycles
no visible damage
∆R/R max.: ±1% + 0.05 Ω
4.22
Fc
vibration
frequency 10 to 500 Hz; displacement
0.75 mm or acceleration 10 g;
3 directions; total 6 hours (3
× 2 hours)
no damage
∆R/R max.: ±0.5% + 0.05 Ω
4.20
Eb
bump
4000
±10 bumps; 390 m/s2
no damage
∆R/R max.: ±0.5% + 0.05 Ω
R = 6 mm
load
MBB179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com