Electronic Components Datasheet Search
  English  ▼

X  

AC10 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # AC10
Description  Cemented wirewound resistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AC10 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button AC10 Datasheet HTML 14Page - NXP Semiconductors AC10 Datasheet HTML 15Page - NXP Semiconductors AC10 Datasheet HTML 16Page - NXP Semiconductors AC10 Datasheet HTML 17Page - NXP Semiconductors AC10 Datasheet HTML 18Page - NXP Semiconductors AC10 Datasheet HTML 19Page - NXP Semiconductors AC10 Datasheet HTML 20Page - NXP Semiconductors AC10 Datasheet HTML 21Page - NXP Semiconductors AC10 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
2000 Oct 20
18
BCcomponents
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
Application information
Fig.26 Temperature rise of the resistor body as a function of the dissipation.
MGB730
24
20
350
300
250
200
150
100
50
0
0
4
12
16
8
∆T at
hot spot
(K)
P (W)
AC01
AC03
AC04
AC05
AC07
AC10
AC15
AC20
Fig.27 Lead length as a function of the dissipation
with the temperature rise at the end of the
lead (soldering spot) as a parameter.
0
0.2
0.4
0.6
0.8
1.0
10
15
20
25
P (W)
lead
length
(mm)
MRA573
20 K
30 K
∆T = 10 K
AC01
Fig.28 Lead length as a function of the dissipation
with the temperature rise at the end of the
lead (soldering spot) as a parameter.
0
25
20
15
10
123
MGB731
P (W)
lead
length
(mm)
60 K
70 K
50 K
∆T = 40 K
80 K
AC03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com