Electronic Components Datasheet Search
  English  ▼

X  

AC15 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AC15
Description  Cemented wirewound resistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AC15 Datasheet(HTML) 5 Page - NXP Semiconductors

  AC15 Datasheet HTML 1Page - NXP Semiconductors AC15 Datasheet HTML 2Page - NXP Semiconductors AC15 Datasheet HTML 3Page - NXP Semiconductors AC15 Datasheet HTML 4Page - NXP Semiconductors AC15 Datasheet HTML 5Page - NXP Semiconductors AC15 Datasheet HTML 6Page - NXP Semiconductors AC15 Datasheet HTML 7Page - NXP Semiconductors AC15 Datasheet HTML 8Page - NXP Semiconductors AC15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2000 Oct 20
5
BCcomponents
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
PULSE LOADING CAPABILITIES
How to generate the maximum allowed pulse-load from the graphs composed for wirewound resistors of the AC-types.
Single pulse condition; see Fig.3
1. If the applied pulse energy in Joules or Wattseconds is
known and also the R-value to be used in the
application; take the R-value on the X-axis and go
vertically to the curved line. From this point go
horizontally to the Y-axis, this point gives the maimum
allowed pulse energy in Joules/ohm or Wattsec./ohm.
By multiplying this figure with -value in use gives the
maximum allowed pulse-energy in Joules or Wattsec. If
this figure is higher than the applied pulse-energy the
application is allowed. Otherwise take one of the other
graphs belonging to AC-types with higher Pn.
2. If, contrary to the information above, the applied
peak-voltage and impulse times ti are known. Calculate
the pulse-energy (Ep) in Joules or Wattsec. by the use of
the following formula:
(Vp = peak voltage; ti =impulse-time)
By dividing this result with the Rn-value of the R in use,
gives the value Wattsec./ohm on the Y-axis. Draw a line
horizontally to the curved line and at the intersection
the vertical line to the X-axis gives the maximum
allowed Rn-value to be used in the application. If this
Rn-value is higher than the R-value to be used in the
application, the application is allowed. If not, take one
of the other graphs belonging to AC-types with higher Pn
or change the Rn-value to be used.
Repetitive pulse condition; see Fig.2
With these graphs we can determine the allowed
pulse-energy in Watts depending on the impulse- time ti and
the repetition time tp of the pulses. The parameter is the
Resistance Value. If the pulse shape is known (impulse-time
ti and repetition time tp), draw a line vertically from the
X-axis at the mentioned ti to the line of the involved R-value.
From the intersection the horizontal line to the Y- axis
indicates the maximum allowed pulse-load at a certain tp/ti.
If the vertical line from the X-axis crosses the applied tp/ti
before reaching the R-line, this tp/ti line gives the maximum
allowed pulse-energy at the Y-axis. If the applied
pulse-energy is known (in Watts) and the impulse-time ti
also, draw a line horizontally from the Y-axis to the crossing
with the pulse-line (ti) and find the possible R-value needed
in this application. The horizontal tp/ti lines give the
maximum allowed pulse-load till they reach the R-line, that
point indicates the maximum allowed impulse-time ti at the
horizontal axis.
Ep
Vp
2
R
----------
t
i
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com