Electronic Components Datasheet Search
  English  ▼

X  

CL445 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CL445
Description  HVAC CLAMP METER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CL445 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CL445 Datasheet HTML 1Page - List of Unclassifed Manufacturers CL445 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
True RMS
True RMS
Measurement
Technology
-148° –
-148° –
1832°F
1832°F
-100° –
1000°C
60M
60M
600A
600A
750V
750V
600V
600V
CAT III
750V
CAT IV
600V
2 m
0 m IP00
CL445
HV AC
CLAMP ME T E R


Similar Part No. - CL445

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CL4-12 L-COM-CL4-12 Datasheet
169Kb / 2P
HyperLink Wireless brand 4 to 20 mA Current Loop Lightning and Surge Protectors
CL4-15 L-COM-CL4-15 Datasheet
169Kb / 2P
HyperLink Wireless brand 4 to 20 mA Current Loop Lightning and Surge Protectors
CL4-24 L-COM-CL4-24 Datasheet
169Kb / 2P
HyperLink Wireless brand 4 to 20 mA Current Loop Lightning and Surge Protectors Model:
logo
Artesyn Technologies
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
Single and triple output
CL40-7605 ARTESYN-CL40-7605 Datasheet
49Kb / 2P
Single and triple output
More results

Similar Description - CL445

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
TK32 EXTECH-TK32 Datasheet
122Kb / 3P
True RMS Professional Electrical HVAC Current Clamp Meter Test Kit
TK36 EXTECH-TK36 Datasheet
122Kb / 3P
Basic Electrical HVAC Current Clamp Meter Test Kit
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
EX720 EXTECH-EX720 Datasheet
301Kb / 1P
800A Clamp Meter
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
800A Clamp Meter
EX710 EXTECH-EX710_15 Datasheet
301Kb / 1P
800A Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com