Electronic Components Datasheet Search
  English  ▼

X  

R2A30406SP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2A30406SP
Description  4-Channel Motor Driver IC for DSC, DVC and Surveillance Cameras
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A30406SP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2A30406SP Datasheet HTML 1Page - Renesas Technology Corp R2A30406SP Datasheet HTML 2Page - Renesas Technology Corp R2A30406SP Datasheet HTML 3Page - Renesas Technology Corp R2A30406SP Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 3
R19DS0059EJ0330 Rev.3.30
May 10, 2012
R2A30406SP
Absolute Maximum Ratings (Unless otherwise specified, the ambient temperature is 25
C)
Notes: 1. As a rule, do not apply reverse power-supply voltages.
2. Glass epoxy board: 95 mm x 60 mm x 0.7 mm, copper-occupancy ratio in a 4-layer board: 15% in layers 1
and 4, 20% in layers 2 and 3.
3. As a rule, do not apply voltages above the power-supply voltage or below the GND voltage.
4. The total output current does not exceed the rated value in usage with multiple channels simultaneously
turned on.
6.5
6.5
Item
Symbol
VCC
Pd
Tstg
Rated Value
Unit
V
500
Remarks
VM
Allowable power consumption
Power-supply voltage 1
Thermal derating ratio
K
-4.0
mW
mW/
Topr
Ambient operating temperature
Storage temperature
-25~85
-40~150
-0.5~VCC+0.5
Applied input voltages
Vin
V
V
See note 1 below.
See note 1 below.
See note 3 below.
See note 2 below. Ta = 25
C
See note 2 below. Ta
 25C
Tj
Max. junction temperature
150
Iod
Direct current (1ch~4ch)
See note 4 below. DC
Iop
Instantaneous output current
(1ch~4ch)
See note 4 below. Pulse width
< 10 ms, duty cycle
 20%
mA/ch
mA/ch
Thermal Derating Curve
Ambient operating temperature Ta (
C)
Remark: The main component of power consumption by this IC is the power consumed by the output
transistors on channels 1 to 4.
Expression for calculating power consumption by the output transistors
Pd
(F/S) = (output current)² x ON resistance
E.g. Pd
(FS) = (300mA) ² x 1.5ohm=135mW
When the ambient temperature is 25
C or more, refer to the above figure in selecting the required heat sink.
0
20
40
60
80
140
800
400
200
600
100
120
160
-4.0 mW/
500
260
180
Power-supply voltage 2
C
C
C
C
C
400
600



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com