Electronic Components Datasheet Search
  English  ▼

X  

89C536 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 89C536
Description  CMOS single-chip 8-bit microcontrollers with FLASH program memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89C536 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 89C536 Datasheet HTML 14Page - NXP Semiconductors 89C536 Datasheet HTML 15Page - NXP Semiconductors 89C536 Datasheet HTML 16Page - NXP Semiconductors 89C536 Datasheet HTML 17Page - NXP Semiconductors 89C536 Datasheet HTML 18Page - NXP Semiconductors 89C536 Datasheet HTML 19Page - NXP Semiconductors 89C536 Datasheet HTML 20Page - NXP Semiconductors 89C536 Datasheet HTML 21Page - NXP Semiconductors 89C536 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Philips Semiconductors
Preliminary specification
89C535/89C536/89C538
CMOS single-chip 8-bit microcontrollers
with FLASH program memory
1997 Jun 05
18
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C, VCC = 5V ±10%, VSS = 0V1, 2, 3
VARIABLE CLOCK
33MHz CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
9
Oscillator frequency
Speed versions : N (33MHz)
3.5
33
3.5
33
MHz
tLHLL
9
ALE pulse width
2tCLCL–40
21
ns
tAVLL
9
Address valid to ALE low
tCLCL–25
5
ns
tLLAX
9
Address hold after ALE low
tCLCL–25
5
ns
tLLIV
9
ALE low to valid instruction in
4tCLCL–65
55
ns
tLLPL
9
ALE low to PSEN low
tCLCL–25
5
ns
tPLPH
9
PSEN pulse width
3tCLCL–45
45
ns
tPLIV
9
PSEN low to valid instruction in
3tCLCL–60
30
ns
tPXIX
9
Input instruction hold after PSEN
0
0
ns
tPXIZ
9
Input instruction float after PSEN
tCLCL–25
5
ns
tAVIV
9
Address to valid instruction in
5tCLCL–80
70
ns
tPLAZ
9
PSEN low to address float
10
10
ns
Data Memory
tRLRH
10, 11
RD pulse width
6tCLCL–100
82
ns
tWLWH
10, 11
WR pulse width
6tCLCL–100
82
ns
tRLDV
10, 11
RD low to valid data in
5tCLCL–90
60
ns
tRHDX
10, 11
Data hold after RD
0
0
ns
tRHDZ
10, 11
Data float after RD
2tCLCL–28
32
ns
tLLDV
10, 11
ALE low to valid data in
8tCLCL–150
90
ns
tAVDV
10, 11
Address to valid data in
9tCLCL–165
105
ns
tLLWL
10, 11
ALE low to RD or WR low
3tCLCL–50
3tCLCL+50
40
140
ns
tAVWL
10, 11
Address valid to WR low or RD low
4tCLCL–75
45
ns
tQVWX
10, 11
Data valid to WR transition
tCLCL–30
0
ns
tWHQX
10, 11
Data hold after WR
tCLCL–25
5
ns
tQVWH
11
Data valid to WR high
7tCLCL–130
80
ns
tRLAZ
10, 11
RD low to address float
0
0
ns
tWHLH
10, 11
RD or WR high to ALE high
tCLCL–25
tCLCL+25
5
55
ns
External Clock
tCHCX
13
High time
17
tCLCL–tCLCX
ns
tCLCX
13
Low time
17
tCLCL–tCHCX
ns
tCLCH
13
Rise time
5
ns
tCHCL
13
Fall time
5
ns
Shift Register
tXLXL
12
Serial port clock cycle time
12tCLCL
360
ns
tQVXH
12
Output data setup to clock rising edge
10tCLCL–133
167
ns
tXHQX
12
Output data hold after clock rising edge
2tCLCL–80
50
ns
tXHDX
12
Input data hold after clock rising edge
0
0
ns
tXHDV
12
Clock rising edge to input data valid
10tCLCL–133
167
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. Interfacing the microcontroller to devices with float times up to 45ns is permitted. This limited bus contention will not cause damage to Port 0
drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com