Electronic Components Datasheet Search
  English  ▼

X  

PDTC114EM Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PDTC114EM
Description  NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC114EM Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTC114EM Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC114EM Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC114EM Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC114EM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC114EM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC114EM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC114EM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC114EM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC114EM Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
PDTC114EM
NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
I
input (base)
2
GND
ground (emitter)
3
O
output (collector)
2
3
1
Transparent
top view
DFN1006-3 (SOT883)
sym007
O
GND
I
R1
R2
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PDTC114EM
DFN1006-3
plastic, leadless ultra small package; 3 terminals; 0.35 mm
pitch; 1 mm x 0.6 mm x 0.48 mm body
SOT883
7. Marking
Table 4. Marking codes
Type number
Marking code
PDTC114EM
DS
PDTC114EM
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
12 August 2022
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com