Electronic Components Datasheet Search
  English  ▼

X  

PDTC114EE Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PDTC114EE
Description  NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC114EE Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PDTC114EE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC114EE Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
PDTC114E_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 12 — 21 December 2011
7 of 17
Nexperia
PDTC114E series
NPN resistor-equipped transistors; R1 = 10 k
, R2 = 10 k
7.
Characteristics
[1]
Characteristics of built-in transistor.
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base
cut-off current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB =0A
-
-
1
A
VCE =30V; IB =0A;
Tj = 150 C
--
5
A
IEBO
emitter-base
cut-off current
VEB =5V; IC =0A
-
-
400
A
hFE
DC current gain
VCE =5V; IC =5mA
30
-
-
VCEsat
collector-emitter
saturation voltage
IC =10mA; IB =0.5 mA
-
-
150
mV
VI(off)
off-state input
voltage
VCE =5V; IC =100 A-
1.1
0.8
V
VI(on)
on-state input
voltage
VCE = 0.3 V; IC =10mA
2.5
1.8
-
V
R1
bias resistor 1 (input)
7
10
13
k
R2/R1
bias resistor ratio
0.8
1.0
1.2
Cc
collector capacitance VCB =10V; IE =ie =0 A;
f= 1MHz
--
2.5
pF
fT
transition frequency
VCE =5V; IC =10 mA;
f = 100 MHz
[1] -
230
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com