Electronic Components Datasheet Search
  English  ▼

X  

PDTC115TT Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # PDTC115TT
Description  NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC115TT Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PDTC115TT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC115TT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC115TT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC115TT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC115TT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC115TT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC115TT Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC115TT Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC115TT Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9397 750 14021
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 17 February 2005
8 of 10
Philips Semiconductors
PDTC115T series
NPN resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
10. Revision history
Table 10:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
PDTC115T_SER_4
20050217
Product data sheet
-
9397 750 14021
PDTC115TT_3
Modifications
• The types PDTC115TE, PDTC115TK, PDTC115TM, PDTC115TS and PDTC115TU were
added.
• Table 1 “Product overview” added
• Figure 1 and 2 added
• Section 9 “Packing information” added
PDTC115TT_3
20040727
Product data sheet
-
9397 750 13505
PDTC115TT_2
PDTC115TT_2
20040510
Objective data sheet
-
9397 750 13206
PDTC115TT_1
PDTC115TT_1
20040305
Objective data sheet
-
9397 750 12554
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com