Electronic Components Datasheet Search
  English  ▼

X  

PDTA115EM Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PDTA115EM
Description  NPN resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTA115EM Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PDTA115EM Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTA115EM Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTA115EM Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTA115EM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTA115EM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTA115EM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTA115EM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTA115EM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTA115EM Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2004 Aug 06
2
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 100 k
Ω, R2 = 100 kΩ
PDTC115E series
FEATURES
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.
APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.
QUICK REFERENCE DATA
DESCRIPTION
NPN resistor equipped transistor (see “Simplified outline,
symbol and pinning” for package details).
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
−
50
V
IO
output current (DC)
−
20
mA
R1
bias resistor
100
−
k
Ω
R2
bias resistor
100
−
k
Ω
PRODUCT OVERVIEW
Note
1.
* = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
TYPE NUMBER
PACKAGE
MARKING CODE
PNP COMPLEMENT
PHILIPS
EIAJ
PDTC115EE
SOT416
SC-75
46
PDTA115EE
PDTC115EEF
SOT490
SC-89
49
PDTA115EEF
PDTC115EK
SOT346
SC-59
56
PDTA115EK
PDTC115EM
SOT883
SC-101
DV
PDTA115EM
PDTC115ES
SOT54 (TO-92)
SC-43
TC115E
PDTA115ES
PDTC115ET
SOT23
−
*44(1)
PDTA115ET
PDTC115EU
SOT323
SC-70
*15(1)
PDTA115EU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com