Electronic Components Datasheet Search
  English  ▼

X  

PDTA123TM Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PDTA123TM
Description  NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTA123TM Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PDTA123TM Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTA123TM Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTA123TM Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTA123TM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTA123TM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTA123TM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTA123TM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTA123TM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTA123TM Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
NPN Resistor-Equipped Transistors (RET) family in Surface Mounted Device (SMD)
plastic packages.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTC123T series
NPN resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = open
Rev. 01 — 10 March 2006
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
Philips
JEITA
JEDEC
PDTC123TE
SOT416
SC-75
-
PDTA123TE
PDTC123TK
SOT346
SC-59A
TO-236
PDTA123TK
PDTC123TM
SOT883
SC-101
-
PDTA123TM
PDTC123TS[1]
SOT54
SC-43A
TO-92
PDTA123TS
PDTC123TT
SOT23
-
TO-236AB
PDTA123TT
PDTC123TU
SOT323
SC-70
-
PDTA123TU
I Built-in bias resistors
I Reduces component count
I Simplifies circuit design
I Reduces pick and place costs
I 100 mA output current capability
I Digital applications
I Cost-saving alternative for BC847 series
in digital applications
I Control of IC inputs
I Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
Ω


Similar Part No. - PDTA123TM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA123TM NXP-PDTA123TM Datasheet
83Kb / 10P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009
logo
Nexperia B.V. All right...
PDTA123TM NEXPERIA-PDTA123TM Datasheet
198Kb / 11P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
PDTA123TMB NEXPERIA-PDTA123TMB Datasheet
729Kb / 12P
PNP resistor-equipped transistor; R1 = 2.2 k廓, R2 = open
More results

Similar Description - PDTA123TM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA123T NXP-PDTA123T Datasheet
83Kb / 10P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009
PEMD30 NXP-PEMD30 Datasheet
84Kb / 11P
NPN/PNP double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-31 March 2006
PEMH30 NXP-PEMH30_06 Datasheet
79Kb / 10P
NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
PDTC123TM NXP-PDTC123TM Datasheet
85Kb / 10P
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006
PEMD20_PUMD20 PHILIPS-PEMD20_PUMD20_15 Datasheet
65Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-2 May 2005
PEMH30_PUMH30 PHILIPS-PEMH30_PUMH30_15 Datasheet
79Kb / 10P
NPN/NPN double resistor-equipped transistors R1 = 2.2 kW, R2 = open
Rev. 01-28 March 2006
logo
Nexperia B.V. All right...
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
PEMD20 NEXPERIA-PEMD20_V01 Datasheet
64Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 2 May 2005
PEMD30 NEXPERIA-PEMD30_V01 Datasheet
83Kb / 11P
NPN/PNP double resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 31 March 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com