Electronic Components Datasheet Search
  English  ▼

X  

89C538 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 89C538
Description  CMOS single-chip 8-bit microcontrollers with FLASH program memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89C538 Datasheet(HTML) 5 Page - NXP Semiconductors

  89C538 Datasheet HTML 1Page - NXP Semiconductors 89C538 Datasheet HTML 2Page - NXP Semiconductors 89C538 Datasheet HTML 3Page - NXP Semiconductors 89C538 Datasheet HTML 4Page - NXP Semiconductors 89C538 Datasheet HTML 5Page - NXP Semiconductors 89C538 Datasheet HTML 6Page - NXP Semiconductors 89C538 Datasheet HTML 7Page - NXP Semiconductors 89C538 Datasheet HTML 8Page - NXP Semiconductors 89C538 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Philips Semiconductors
Preliminary specification
89C535/89C536/89C538
CMOS single-chip 8-bit microcontrollers
with FLASH program memory
1997 Jun 05
5
PIN DESCRIPTIONS
PIN NUMBER
MNEMONIC
LCC
QFP
TYPE
NAME AND FUNCTION
VSS
1, 22
16, 39
I
Ground: 0V reference.
VCC
23, 44
17, 38
I
Power Supply: This is the power supply voltage for normal, idle, and power-down operation.
P0.0–0.7
43–36
37–30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s written to them float
and can be used as high-impedance inputs. Port 0 is also the multiplexed low-order address and
data bus during accesses to external program and data memory. In this application, it uses strong
internal pull-ups when emitting 1s. Port 0 also outputs the code bytes during program verification and
received code bytes during EEPROM programming. External pull-ups are required during program
verification.
P1.0–P1.7
2–9
40–44,
1–3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 pins that have 1s written
to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, port 1 pins that
are externally pulled low will source current because of the internal pull-ups. (See DC Electrical
Characteristics: IIL). Port 1 also receives the low-order address byte during program memory
verification.
Alternate functions for Port 1 include:
2
40
I/O
T2 (P1.0): Timer/Counter 2 external count input
3
41
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture
P2.0–P2.7
24–31
18–25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 pins that have 1s written
to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, port 2 pins that
are externally being pulled low will source current because of the internal pull-ups. (See DC
Electrical Characteristics: IIL). Port 2 emits the high-order address byte during fetches from external
program memory and during accesses to external data memory that use 16-bit addresses (MOVX
@DPTR). In this application, it uses strong internal pull-ups when emitting 1s. Some Port 2 pins
receive the high order address bits during EEPROM programming and verification.
P3.0–P3.7
11,
13–19
5,
7–13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 pins that have 1s written
to them are pulled high by the internal pull-ups and can be used as inputs. As inputs, port 3 pins that
are externally being pulled low will source current because of the pull-ups. (See DC Electrical
Characteristics: IIL). Port 3 also serves the special features of the 80C51 family, as listed below:
11
5
I
RxD (P3.0): Serial input port
13
7
O
TxD (P3.1): Serial output port
14
8
I
INT0 (P3.2): External interrupt
15
9
I
INT1 (P3.3): External interrupt
16
10
I
T0 (P3.4): Timer 0 external input
17
11
I
T1 (P3.5): Timer 1 external input
18
12
O
WR (P3.6): External data memory write strobe
19
13
O
RD (P3.7): External data memory read strobe
RST
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets the device. An
internal diffused resistor to VSS permits a power-on reset using only an external capacitor to VCC.
ALE/PROG
33
27
O
Address Latch Enable/Program Pulse: Output pulse for latching the low byte of the address
during an access to external memory. In normal operation, ALE is emitted at a constant rate of 1/6
the oscillator frequency, and can be used for external timing or clocking. Note that one ALE pulse is
skipped during each access to external data memory. This pin is also the program pulse input
(PROG) during EEPROM programming.
PSEN
32
26
O
Program Store Enable: The read strobe to external program memory. When the processor is
executing code from the external program memory, PSEN is activated twice each machine cycle,
except that two PSEN activations are skipped during each access to external data memory. PSEN is
not activated during fetches from internal program memory.
EA/VPP
35
29
I
External Access Enable/Programming Supply Voltage: EA must be externally held low to enable
the device to fetch code from external program memory. If EA is held high, the device executes from
internal program memory. This pin also receives the 12V programming supply voltage (VPP) during
EPROM programming. EA is internally latched on Reset.
XTAL1
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator circuits.
XTAL2
20
14
O
Crystal 2: Output from the inverting oscillator amplifier.
NOTE:
To avoid “latch-up” effect at power-on, the voltage on any pin at any time must not be higher than VCC + 0.5V or VSS – 0.5V, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com